Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3874DW-1 Datasheet(PDF) 10 Page - Texas Instruments

Part # UC3874DW-1
Description  High Efficiency, Synchronous, Step-down (Buck) Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3874DW-1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UC3874DW-1 Datasheet HTML 4Page - Texas Instruments UC3874DW-1 Datasheet HTML 5Page - Texas Instruments UC3874DW-1 Datasheet HTML 6Page - Texas Instruments UC3874DW-1 Datasheet HTML 7Page - Texas Instruments UC3874DW-1 Datasheet HTML 8Page - Texas Instruments UC3874DW-1 Datasheet HTML 9Page - Texas Instruments UC3874DW-1 Datasheet HTML 10Page - Texas Instruments UC3874DW-1 Datasheet HTML 11Page - Texas Instruments UC3874DW-1 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC2874DW-1
ACTIVE
SOIC
DW
18
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2874DW-1G4
ACTIVE
SOIC
DW
18
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2874DW-2
ACTIVE
SOIC
DW
18
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2874DW-2G4
ACTIVE
SOIC
DW
18
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2874N-1
ACTIVE
PDIP
N
18
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC2874N-1G4
ACTIVE
PDIP
N
18
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC2874N-2
ACTIVE
PDIP
N
18
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC2874N-2G4
ACTIVE
PDIP
N
18
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC2874Q-1
NRND
PLCC
FN
20
TBD
Call TI
Call TI
UC2874Q-2
NRND
PLCC
FN
20
TBD
Call TI
Call TI
UC3874DW-1
ACTIVE
SOIC
DW
18
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3874DW-1G4
ACTIVE
SOIC
DW
18
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3874DW-2
ACTIVE
SOIC
DW
18
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3874DW-2G4
ACTIVE
SOIC
DW
18
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC3874N-1
ACTIVE
PDIP
N
18
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC3874N-1G4
ACTIVE
PDIP
N
18
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC3874N-2
ACTIVE
PDIP
N
18
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
UC3874N-2G4
ACTIVE
PDIP
N
18
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
PACKAGE OPTION ADDENDUM
www.ti.com
27-Aug-2009
Addendum-Page 1


Similar Part No. - UC3874DW-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3874DW-1 TI-UC3874DW-1 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
More results

Similar Description - UC3874DW-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com