Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT595T16-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74HCT595T16-13
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT595T16-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  74HCT595T16-13 Datasheet HTML 1Page - Diodes Incorporated 74HCT595T16-13 Datasheet HTML 2Page - Diodes Incorporated 74HCT595T16-13 Datasheet HTML 3Page - Diodes Incorporated 74HCT595T16-13 Datasheet HTML 4Page - Diodes Incorporated 74HCT595T16-13 Datasheet HTML 5Page - Diodes Incorporated 74HCT595T16-13 Datasheet HTML 6Page - Diodes Incorporated 74HCT595T16-13 Datasheet HTML 7Page - Diodes Incorporated 74HCT595T16-13 Datasheet HTML 8Page - Diodes Incorporated 74HCT595T16-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74HCT595
Document number: DS35493 Rev. 3 - 2
5 of 11
www.diodes.com
June 2013
© Diodes Incorporated
74HCT595
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = +25°C
TA = -40
°C to +85°C
TA = -40
°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
High-level
Input Voltage
4.5V to
5.5V
2.0
2.0
2.0
V
VIL
Low-level input
voltage
4.5V to
5.5V
0.8
0.8
0.8
V
VOH
High Level
Output Voltage
IOH = -20μA
All outputs
4.5V
4.4
4.5
4.4
4.4
V
Q7 output
IOH = -4mA
4.5V
3.84
4.32
4.32
3.7
Qn Bus
Outputs
IOH = -6.0mA
4.5V
3.7
4.32
4.32
3.7
VOL
Low-level
Output Voltage
IOL = 20μA
All outputs
4.5V
0
0.1
0.1
0.1
V
Q7 output
IOL = 4mA
4.5V
0.15
0.33
0.33
0.4
Qn Bus
Outputs
IOL = 6.0mA
4.5V
.016
0.33
0.33
0.4
II
Input Current
VI =GND to
5.5 V
5.5V
±0.1
± 1
± 1
μA
IOZ
OFF-state
output current
Qn internal high or
low.
Vo=Vcc or Gnd
5.5V
± 5
± 5
± 10
μA
ICC
Supply Current
VI = GND or VCC
IO=0
5.5V
8.0
80
160
μA
∆ICC
Additional
Supply Current
per Input
VI = Vcc -2.1V
IO=0
4.5Vto
5.5V
100
450
450
490
μA
Ci
Input
Capacitance
Vi = VCC or GND
5.5V
4
10
10
10
pF
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 5V
Unit
TYP
Cpd
Power dissipation
capacitance
f = 1 MHz all outputs switching-no load
42
pF


Similar Part No. - 74HCT595T16-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT595 PHILIPS-74HCT595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HCT595 NXP-74HCT595 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HCT595 NXP-74HCT595 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595 NEXPERIA-74HCT595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
More results

Similar Description - 74HCT595T16-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com