Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1T45FX4-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC1T45FX4-7
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1T45FX4-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC1T45FX4-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1T45FX4-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1T45FX4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1T45FX4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1T45FX4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1T45FX4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1T45FX4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1T45FX4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1T45FX4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVC1T45
Document number: DS35804 Rev. 2 - 2
4 of 14
www.diodes.com
June 2013
© Diodes Incorporated
74LVC1T45
Electrical Characteristics (@TA = +40°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC (A)
VCC (B)
TA = +25°C
TA = -40°C to +85°C
Min
Typ
Max
Min
Max
Unit
VOH
High Level
Output Voltage
IOH = -100µA
1.65V to 5.5V 1.65V to 5.5V
VCC – 0.1
V
IOH = -4mA
1.65V
1.65V
1.2
IOH = -8mA
2.3V
2.3V
1.9
IOH = -24mA
3V
3V
2.4
IOH = -32mA
4.5V
4.5V
3.8
VOL
Low-Level Output
Voltage
IOL = 100µA
1.65V to 5.5V 1.65V to 5.5V
0.1
V
IOL = 4mA
1.65V
1.65V
0.45
IOL = 8mA
2.3V
2.3V
0.3
IOL = 24mA
3V
3V
0.55
IOL = 32mA
4.5V
4.5V
0.55
II
Input Current
DIR
VI = VCC(A) or
GND
0 to 5.5V
0 to 5.5V
± 1
± 2
µA
IOFF
Power Down
Leakage Current
A Pin
VI or VO = 0 to
5.5V
0V
0 V to 5.5V
± 1
± 2
µA
B Pin
0 V to 5.5V
0V
± 1
± 2
IOZ
3-State Leakage
Current
A Pin
VO = VCC(A)
1.65V to 5.5V 1.65V to 5.5V
± 1
± 2
µA
B Pin
VO = VCC(B)
1.65V to 5.5V 1.65V to 5.5V
± 1
± 2
ICCA
Supply Current
VI = 5.5V or GND
IO = 0
1.65V to 5.5V 1.65V to 5.5V
3
µA
5.5V
0V
2
0V
5.5V
-2
ICCB
Supply Current
VI = 5.5V or GND
IO = 0
1.65V to 5.5V 1.65V to 5.5V
3
µA
0V
5.5V
2
5.5V
0V
-2
ICCA +
ICCB
Supply Current
VI = 5.5V or GND IO = 0
1.65V to 5.5V 1.65V to 5.5V
4
µA
• ICCA
Additional Supply
Current
A pin
A = VCC(A) -0.6V
DIR = VCC(A)
B = open
3V to 5.5V
3V to 5.5V
50
µA
DIR
DIR= VCC(A) -0.6V
A= VCC(A) or GND
B = open
50
• ICCB
Additional Supply
Current
B pin
B = VCC(B) -0.6V
DIR = GND
A = open
3V to 5.5V
3V to 5.5V
50
µA
CI
Input
Capacitance
DIR
VI= VCC(A) or
GND
3.3V
3.3V
2.5
pF
CIO
Input/Output
Capacitance
A or B
pin
VI= VCC(A)/(B) or
GND
3.3V
3.3V
6.0
pF


Similar Part No. - 74LVC1T45FX4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
logo
Nexperia B.V. All right...
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45GF PHILIPS-74LVC1T45GF Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
More results

Similar Description - 74LVC1T45FX4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AVCH1T45 DIODES-74AVCH1T45 Datasheet
565Kb / 17P
   SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
74LVC2T45 DIODES-74LVC2T45 Datasheet
842Kb / 15P
   DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021
74LVCH2T45 DIODES-74LVCH2T45 Datasheet
842Kb / 16P
   DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021 Rev. 1 - 2
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
NLA16T245 ONSEMI-NLA16T245 Datasheet
186Kb / 11P
   Configurable Dual-Supply Translating Transceiver with 3-State Outputs
September, 2013 ??Rev. 0
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com