Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1325G-133AXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1325G-133AXC
Description  4-Mbit (256 K x 18) Flow-Through Sync SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325G-133AXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1325G-133AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1325G-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1325G-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1325G-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1325G-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1325G-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1325G-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1325G-133AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1325G-133AXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CY7C1325G
Document Number: 38-05518 Rev. *M
Page 8 of 23
Truth Table for Read/Write
The Truth Table for Read/Write for part CY7C1325G is as follows. [8]
Function
GW
BWE
BWB
BWA
Read
HH
X
X
Read
HLH
H
Write byte A – (DQA and DQPA)H
L
H
L
Write byte B – (DQB and DQPB)H
L
L
H
Write all bytes
H
L
L
L
Write all bytes
L
X
X
X
Note
8. X = “Don’t Care.” H = Logic HIGH, L = Logic LOW.


Similar Part No. - CY7C1325G-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325G-133AXC CYPRESS-CY7C1325G-133AXC Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1325G-133AXC CYPRESS-CY7C1325G-133AXC Datasheet
805Kb / 21P
   4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
CY7C1325G-133AXC CYPRESS-CY7C1325G-133AXC Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
More results

Similar Description - CY7C1325G-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325H CYPRESS-CY7C1325H Datasheet
731Kb / 21P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_11 Datasheet
805Kb / 21P
   4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1345G CYPRESS-CY7C1345G_13 Datasheet
771Kb / 24P
   4-Mbit (128 K x 36) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com