Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1325H Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1325H
Description  4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325H Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1325H Datasheet HTML 1Page - Cypress Semiconductor CY7C1325H Datasheet HTML 2Page - Cypress Semiconductor CY7C1325H Datasheet HTML 3Page - Cypress Semiconductor CY7C1325H Datasheet HTML 4Page - Cypress Semiconductor CY7C1325H Datasheet HTML 5Page - Cypress Semiconductor CY7C1325H Datasheet HTML 6Page - Cypress Semiconductor CY7C1325H Datasheet HTML 7Page - Cypress Semiconductor CY7C1325H Datasheet HTML 8Page - Cypress Semiconductor CY7C1325H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CY7C1325H
Document Number: 001-86114 Rev. **
Page 3 of 21
Selection Guide
Description
133 MHz
Unit
Maximum access time
6.5
ns
Maximum operating current
225
mA
Maximum standby current
40
mA
Pin Configurations
Figure 1. 100-pin TQFP (14 × 20 × 1.4 mm) pinout
A
NC
VDDQ
VSS
NC
DQPA
DQA
DQA
VSS
VDDQ
DQA
DQA
VSS
NC
VDD
DQA
DQA
VDDQ
VSS
DQA
DQA
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQB
DQB
VSS
VDDQ
DQB
DQB
NC
VDD
NC
VSS
DQB
DQB
VDDQ
VSS
DQB
DQB
DQPB
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
BYTE A
ZZ
NC
BYTE B
CY7C1325H


Similar Part No. - CY7C1325H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-100AC CYPRESS-CY7C1325-100AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-117AC CYPRESS-CY7C1325-117AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-50AC CYPRESS-CY7C1325-50AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-80AC CYPRESS-CY7C1325-80AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - CY7C1325H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_13 Datasheet
769Kb / 23P
   4-Mbit (256 K x 18) Flow-Through Sync SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1328G CYPRESS-CY7C1328G_12 Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_12 Datasheet
593Kb / 21P
   4-Mbit (128 K 횞 32) Flow-Through Sync SRAM
CY7C1353G CYPRESS-CY7C1353G_12 Datasheet
535Kb / 18P
   4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_11 Datasheet
805Kb / 21P
   4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com