Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1339G-133AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1339G-133AXC
Description  4-Mbit (128 K x 32) Pipelined Sync SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1339G-133AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1339G-133AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1339G-133AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1339G-133AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1339G-133AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1339G-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1339G-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1339G-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1339G-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1339G-133AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CY7C1339G
4-Mbit (128 K × 32) Pipelined Sync SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05520 Rev. *N
Revised June 25, 2013
4-Mbit (128 K × 32) Pipelined Sync SRAM
Features
Registered inputs and outputs for pipelined operation
128 K × 32 common I/O architecture
3.3 V core power supply (VDD)
2.5 V/3.3 V I/O power supply (VDDQ)
Fast clock-to-output times
4.0 ns (for 133-MHz device)
Provide high-performance 3-1-1-1 access rate
User-selectable burst counter supporting Intel Pentium
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self-timed writes
Asynchronous output enable
Available in Pb-free 100-pin TQFP package
“ZZ” sleep mode option
Functional Description
The CY7C1339G SRAM integrates 128 K × 32 SRAM cells with
advanced synchronous peripheral circuitry and a two-bit counter
for internal burst operation. All synchronous inputs are gated by
registers controlled by a positive-edge-triggered clock input
(CLK). The synchronous inputs include all addresses, all data
inputs, address-pipelining chip enable (CE1), depth-expansion
chip enables (CE2 and CE3), burst control inputs (ADSC, ADSP,
and ADV), write enables (BW[A:D], and BWE), and global write
(GW). Asynchronous inputs include the output enable (OE) and
the ZZ pin.
Addresses and chip enables are registered at rising edge of
clock when either address strobe processor (ADSP) or address
strobe controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed write cycle.This part supports byte write
operations (see Pin Descriptions and Truth Table for further
details). Write cycles can be one to four bytes wide as controlled
by the byte write control inputs. GW when active LOW causes all
bytes to be written.
The CY7C1339G operates from a +3.3 V core power supply
while all outputs may operate with either a +2.5 or +3.3 V supply.
All
inputs
and
outputs
are
JEDEC-standard
JESD8-5-compatible.
A DDRESS
REGISTER
ADV
CLK
BURST
COUNTER
AND
LOGIC
CLR
Q1
Q0
ADSP
ADSC
MODE
BW E
GW
CE1
CE2
CE3
OE
ENA BLE
REGISTER
OUTPUT
REGISTERS
SENSE
AM PS
OUTPUT
BUFFERS
E
PIPELINED
ENA BLE
INPUT
REGISTERS
A 0, A 1, A
BW B
BW C
BW D
BW A
MEMORY
ARRA Y
DQ s
SLEEP
CONTROL
ZZ
A [1:0]
2
DQA
BY TE
WRITE REGISTER
DQB
BY TE
WRITE REGISTER
DQC
BY TE
WRITE REGISTER
DQD
BY TE
WRITE REGISTER
DQA
BY TE
WRITE DRIVER
DQB
BY TE
WRITE DRIVER
DQC
BY TE
WRITE DRIVER
DQD
BY TE
WRITE DRIVER
Logic Block Diagram
Errata: For information on silicon errata, see "Errata" on page 19. Details include trigger conditions, devices affected, and proposed workaround.


Similar Part No. - CY7C1339G-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G-133AXC CYPRESS-CY7C1339G-133AXC Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1339G-133AXC CYPRESS-CY7C1339G-133AXC Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G-133AXC CYPRESS-CY7C1339G-133AXC Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1339G-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_13 Datasheet
567Kb / 26P
   4-Mbit (128 K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_12 Datasheet
538Kb / 25P
   4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1347G CYPRESS-CY7C1347G_11 Datasheet
808Kb / 24P
   4-Mbit (128 K x 36) Pipelined Sync SRAM Asynchronous output enable
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com