Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA28N15 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQA28N15
Description  150V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA28N15 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQA28N15 Datasheet HTML 1Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 2Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 3Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 4Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 5Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 6Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 7Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
  





















     
 
         
! " #
 $  % & " '   ( )$ 

* 
+      ,    
      

 

 

 


               




 









  ! 


















µ
  
 ! "#$

 

%


&%

'()* +,*

   





 










  

 


" ! 















  

  


  

!"     
() *$$" &  +
',) *$$ 
 #$  
- .!   
#$  
/   
#$  
''# #$  

"



Similar Part No. - FQA28N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA28N15 FAIRCHILD-FQA28N15 Datasheet
815Kb / 9P
   150V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA28N15 ISC-FQA28N15 Datasheet
346Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA28N15 FAIRCHILD-FQA28N15_07 Datasheet
815Kb / 9P
   150V N-Channel MOSFET
FQA28N15_F109 FAIRCHILD-FQA28N15_F109 Datasheet
815Kb / 9P
   150V N-Channel MOSFET
More results

Similar Description - FQA28N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com