Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1363D Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1363D
Description  9-Mbit (512 K x 18) Flow-Through SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363D Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1363D Datasheet HTML 4Page - Cypress Semiconductor CY7C1363D Datasheet HTML 5Page - Cypress Semiconductor CY7C1363D Datasheet HTML 6Page - Cypress Semiconductor CY7C1363D Datasheet HTML 7Page - Cypress Semiconductor CY7C1363D Datasheet HTML 8Page - Cypress Semiconductor CY7C1363D Datasheet HTML 9Page - Cypress Semiconductor CY7C1363D Datasheet HTML 10Page - Cypress Semiconductor CY7C1363D Datasheet HTML 11Page - Cypress Semiconductor CY7C1363D Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CY7C1363D
Document Number: 001-86215 Rev. **
Page 8 of 22
Truth Table
The Truth Table for CY7C1363D follows. [5, 6, 7, 8, 9]
Cycle Description
Address Used CE1 CE2 CE3 ZZ ADSP ADSC ADV WRITE OE CLK
DQ
Deselected cycle, power-down
None
H
X
X
L
X
L
X
X
X
L–H Tri-state
Deselected cycle, power-down
None
L
L
X
L
L
X
X
X
X
L–H Tri-state
Deselected cycle, power-down
None
L
X
H
L
L
X
X
X
X
L–H Tri-state
Deselected cycle, power-down
None
L
L
X
L
H
L
X
X
X
L–H Tri-state
Deselected cycle, power-down
None
X
X
X
L
H
L
X
X
X
L–H Tri-state
Sleep mode, power-down
None
X
X
X
H
X
X
X
X
X
X
Tri-state
Read cycle, begin burst
External
L
H
L
L
L
X
X
X
L
L–H
Q
Read cycle, begin burst
External
L
H
L
L
L
X
X
X
H
L–H Tri-state
Write cycle, begin burst
External
L
H
L
L
H
L
X
L
X
L–H
D
Read cycle, begin burst
External
L
H
L
L
H
L
X
H
L
L–H
Q
Read cycle, begin burst
External
L
H
L
L
H
L
X
H
H
L–H Tri-state
Read cycle, continue burst
Next
X
X
X
L
H
H
L
H
L
L–H
Q
Read cycle, continue burst
Next
X
X
X
L
H
H
L
H
H
L–H Tri-state
Read cycle, continue burst
Next
H
X
X
L
X
H
L
H
L
L–H
Q
Read cycle, continue burst
Next
H
X
X
L
X
H
L
H
H
L–H Tri-state
Write cycle, continue burst
Next
X
X
X
L
H
H
L
L
X
L–H
D
Write cycle, continue burst
Next
H
X
X
L
X
H
L
L
X
L–H
D
Read cycle, suspend burst
Current
X
X
X
L
H
H
H
H
L
L–H
Q
Read cycle, suspend burst
Current
X
X
X
L
H
H
H
H
H
L–H Tri-state
Read cycle, suspend burst
Current
H
X
X
L
X
H
H
H
L
L–H
Q
Read cycle, suspend burst
Current
H
X
X
L
X
H
H
H
H
L–H Tri-state
Write cycle, suspend burst
Current
X
X
X
L
H
H
H
L
X
L–H
D
Write cycle, suspend burst
Current
H
X
X
L
X
H
H
L
X
L–H
D
Notes
5. X = “Don't Care.” H = Logic HIGH, L = Logic LOW.
6. WRITE = L when any one or more byte write enable signals and BWE = L or GW = L. WRITE = H when all byte write enable signals, BWE, GW = H.
7. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
8. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks after
the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tri-state. OE is a don't care
for the remainder of the write cycle.
9. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tri-state when OE is inactive
or when the device is deselected, and all data bits behave as output when OE is active (LOW).


Similar Part No. - CY7C1363D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363A CYPRESS-CY7C1363A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AC CYPRESS-CY7C1363A-100AC Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AI CYPRESS-CY7C1363A-100AI Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AJC CYPRESS-CY7C1363A-100AJC Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AJI CYPRESS-CY7C1363A-100AJI Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
More results

Similar Description - CY7C1363D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_11 Datasheet
795Kb / 32P
   9-Mbit (256 K x 36 / 512 K x 18) Flow-through SRAM with NoBL Architecture
CY7C1381D CYPRESS-CY7C1381D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1385D CYPRESS-CY7C1385D Datasheet
775Kb / 22P
   18-Mbit (512 K 횞 32) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1325G CYPRESS-CY7C1325G_13 Datasheet
769Kb / 23P
   4-Mbit (256 K x 18) Flow-Through Sync SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com