Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C136E-55JXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C136E-55JXC
Description  1 K / 2 K x 8 Dual-port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C136E-55JXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C136E-55JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C136E-55JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C136E-55JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C136E-55JXC Datasheet HTML 9Page - Cypress Semiconductor CY7C136E-55JXC Datasheet HTML 10Page - Cypress Semiconductor CY7C136E-55JXC Datasheet HTML 11Page - Cypress Semiconductor CY7C136E-55JXC Datasheet HTML 12Page - Cypress Semiconductor CY7C136E-55JXC Datasheet HTML 13Page - Cypress Semiconductor CY7C136E-55JXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CY7C131E, CY7C131AE
CY7C136E, CY7C136AE
Document Number: 001-64231 Rev. *E
Page 10 of 20
Switching Waveforms
Figure 4. Read Cycle No. 1 [28, 29]
Figure 5. Read Cycle No. 2 [28, 30]
Figure 6. Write Cycle No. 1 (OE Three-States Data I/Os – Either Port) [31, 32]
tRC
tAA
tOHA
DATA VALID
PREVIOUS DATAVALID
DATA OUT
ADDR
Either Port ADDR Access
tACE
tLZOE
tDOE
tHZOE
tHZCE
DATA VALID
DATA OUT
CE
OE
tLZCE
tPU
ICC
ISB
tPD
Either Port CE/OE Access
tAW
tWC
DATA VALID
HIGH IMPEDANCE
tSCE
tSA
tPWE
tHD
tSD
tHA
CE
R/W
ADDR
tHZOE
OE
DOUT
DATAIN
Either Port
Notes
28. R/W is HIGH for read cycle.
29. Device is continuously selected, CE = VIL and OE = VIL.
30. Address valid prior to or coincident with CE transition LOW.
31. The internal write time of the memory is defined by the overlap of CE LOW and R/W LOW. Both signals must be LOW to initiate a write and either signal can
terminate a write by going HIGH. The data input setup and hold timing must be referenced to the rising edge of the signal that terminates the write.
32. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or tHZWE + tSD to allow the data I/O pins to enter high impedance
and for data to be placed on the bus for the required tSD.


Similar Part No. - CY7C136E-55JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C136E-55JXC CYPRESS-CY7C136E-55JXC Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
More results

Similar Description - CY7C136E-55JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
CY62138F CYPRESS-CY62138F_13 Datasheet
628Kb / 16P
   2-Mbit (256 K x 8) Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com