Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1380D Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1380D
Description  18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380D Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1380D Datasheet HTML 4Page - Cypress Semiconductor CY7C1380D Datasheet HTML 5Page - Cypress Semiconductor CY7C1380D Datasheet HTML 6Page - Cypress Semiconductor CY7C1380D Datasheet HTML 7Page - Cypress Semiconductor CY7C1380D Datasheet HTML 8Page - Cypress Semiconductor CY7C1380D Datasheet HTML 9Page - Cypress Semiconductor CY7C1380D Datasheet HTML 10Page - Cypress Semiconductor CY7C1380D Datasheet HTML 11Page - Cypress Semiconductor CY7C1380D Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CY7C1380D
CY7C1380F
CY7C1382D
Document Number: 38-05543 Rev. *N
Page 8 of 37
Single Write Accesses Initiated by ADSC
ADSC write accesses are initiated when the following conditions
are satisfied: (1) ADSC is asserted LOW, (2) ADSP is deserted
HIGH, (3) CE1, CE2, and CE3 are all asserted active, and (4) the
appropriate combination of the write inputs (GW, BWE, and
BWX) are asserted active to conduct a write to the desired
byte(s). ADSC-triggered Write accesses require a single clock
cycle to complete. The address presented to A is loaded into the
address register and the address advancement logic while being
delivered to the memory array. The ADV input is ignored during
this cycle. If a global write is conducted, the data presented to
the DQs is written into the corresponding address location in the
memory core. If a byte write is conducted, only the selected bytes
are written. Bytes not selected during a byte write operation
remain unaltered. A synchronous self-timed write mechanism
has been provided to simplify the write operations.
CY7C1380D/CY7C1380F/CY7C1382D is a common I/O device,
the output enable (OE) must be deserted HIGH before
presenting data to the DQs inputs. Doing so tri-states the output
drivers. As a safety precaution, DQs are automatically tri-stated
whenever a write cycle is detected, regardless of the state of OE.
Burst Sequences
CY7C1380D/CY7C1380F/CY7C1382D
provides
a
two-bit
wraparound counter, fed by A1:A0, that implements an
interleaved or a linear burst sequence. The interleaved burst
sequence is designed specifically to support Intel Pentium
applications. The linear burst sequence is designed to support
processors that follow a linear burst sequence. The burst
sequence is user selectable through the MODE input.
Asserting ADV LOW at clock rise automatically increments the
burst counter to the next address in the burst sequence. Both
read and write burst operations are supported.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation sleep mode. Two clock cycles
are required to enter into or exit from this sleep mode. While in
this mode, data integrity is guaranteed. Accesses pending when
entering the sleep mode are not considered valid nor is the
completion of the operation guaranteed. The device must be
deselected prior to entering the sleep mode. CE1, CE2, CE3,
ADSP, and ADSC must remain inactive for the duration of tZZREC
after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD– 0.2 V
80
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2 V
2tCYC
–ns
tZZI
ZZ Active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current This parameter is sampled
0
ns


Similar Part No. - CY7C1380D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380D-167AXC CYPRESS-CY7C1380D-167AXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D-167AXC CYPRESS-CY7C1380D-167AXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1380D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1381D CYPRESS-CY7C1381D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380S CYPRESS-CY7C1380S Datasheet
1Mb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com