Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1425KV18 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1425KV18
Description  36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1425KV18 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1425KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1425KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1425KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1425KV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1425KV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1425KV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1425KV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1425KV18 Datasheet HTML 14Page - Cypress Semiconductor CY7C1425KV18 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CY7C1425KV18
CY7C1412KV18
CY7C1414KV18
Document Number: 001-57825 Rev. *I
Page 11 of 33
Truth Table
The truth table for CY7C1425KV18, CY7C1412KV18, and CY7C1414KV18 follow. [2, 3, 4, 5, 6, 7]
Operation
K
RPS WPS
DQ
DQ
Write cycle:
Load address on the rising edge of K;
input write data on K and K rising edges.
L–H
X
L
D(A + 0) at K(t)
D(A + 1) at K(t)
Read cycle:
Load address on the rising edge of K;
wait one and a half cycle; read data on C and C rising edges.
L–H
L
X
Q(A + 0) at C(t + 1)
 Q(A + 1) at C(t + 2) 
NOP: No operation
L–H
H
H
D = X
Q = high Z
D = X
Q = high Z
Standby: Clock stopped
Stopped
X
X
Previous state
Previous state
Write Cycle Descriptions
The write cycle description table for CY7C1412KV18 follow. [2, 8]
BWS0 BWS1
K
K
Comments
L
L
L–H
During the data portion of a write sequence
CY7C1412KV18
both bytes (D[17:0]) are written into the device.
L
L
L–H During the data portion of a write sequence:
CY7C1412KV18
both bytes (D[17:0]) are written into the device.
L
H
L–H
During the data portion of a write sequence:
CY7C1412KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
L
H
L–H During the data portion of a write sequence
CY7C1412KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
H
L
L–H
During the data portion of a write sequence
CY7C1412KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
L
L–H During the data portion of a write sequence
CY7C1412KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
H
L–H
No data is written into the devices during this portion of a write operation.
H
H
L–H No data is written into the devices during this portion of a write operation.
Notes
2. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device powers up deselected with the outputs in a tristate condition.
4. “A” represents address location latched by the devices when transaction was initiated. A + 0, A + 1 represents the internal address sequence in the burst.
5. “t” represents the cycle at which a read/write operation is started. t + 1, and t + 2 are the first, and second clock cycles respectively succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. Ensure that when the clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging
symmetrically.
8. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. BWS0, BWS1, BWS2, and BWS3 can be altered on different portions
of a write cycle, as long as the setup and hold requirements are achieved.


Similar Part No. - CY7C1425KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1425KV18 CYPRESS-CY7C1425KV18 Datasheet
863Kb / 30P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1425KV18-250BZC CYPRESS-CY7C1425KV18-250BZC Datasheet
863Kb / 30P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1425KV18-333BZC CYPRESS-CY7C1425KV18-333BZC Datasheet
863Kb / 30P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1425KV18 CYPRESS-CY7C1425KV18_12 Datasheet
893Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
More results

Similar Description - CY7C1425KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1425KV18 CYPRESS-CY7C1425KV18_12 Datasheet
893Kb / 33P
   36-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18_12 Datasheet
936Kb / 35P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C14101KV18 CYPRESS-CY7C14101KV18 Datasheet
894Kb / 31P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1525KV18 CYPRESS-CY7C1525KV18_12 Datasheet
893Kb / 34P
   72-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18 Datasheet
955Kb / 33P
   36-Mbit QDR짰 II SRAM 4-Word Burst Architecture
CY7C1410KV18 CYPRESS-CY7C1410KV18 Datasheet
863Kb / 30P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com