Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1380D-250AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1380D-250AXC
Description  18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380D-250AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1380D-250AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380D-250AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380D-250AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380D-250AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380D-250AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1380D-250AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1380D-250AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1380D-250AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1380D-250AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
CY7C1380D
CY7C1380F
CY7C1382D
Document Number: 38-05543 Rev. *N
Page 9 of 37
Truth Table
The Truth Table for CY7C1380D/CY7C1380F/CY7C1382D follows. [1, 2, 3, 4, 5]
Operation
Add. Used
CE1 CE2 CE3 ZZ ADSP ADSC ADV WRITE OE CLK
DQ
Deselect Cycle, Power Down
None
H
X
X
L
X
L
X
X
X
L–H Tri-state
Deselect Cycle, Power Down
None
L
L
X
L
L
X
X
X
X
L–H Tri-state
Deselect Cycle, Power Down
None
L
X
H
L
L
X
X
X
X
L–H Tri-state
Deselect Cycle, Power Down
None
L
L
X
L
H
L
X
X
X
L–H Tri-state
Deselect Cycle, Power Down
None
L
X
H
L
H
L
X
X
X
L–H Tri-state
Sleep Mode, Power Down
None
X
X
X
H
X
X
X
X
X
X
Tri-state
READ Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
L
L–H
Q
READ Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
H
L–H Tri-state
WRITE Cycle, Begin Burst
External
L
H
L
L
H
L
X
L
X
L–H
D
READ Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
L
L–H
Q
READ Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
H
L–H Tri-state
READ Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
L
L–H
Q
READ Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
H
L–H Tri-state
READ Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
L
L–H
Q
READ Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
H
L–H Tri-state
WRITE Cycle, Continue Burst
Next
X
X
X
L
H
H
L
L
X
L–H
D
WRITE Cycle, Continue Burst
Next
H
X
X
L
X
H
L
L
X
L–H
D
READ Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
L
L–H
Q
READ Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
H
L–H Tri-state
READ Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
L
L–H
Q
READ Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
H
L–H Tri-state
WRITE Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
L
X
L–H
D
WRITE Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
L
X
L–H
D
Notes
1. X = Don't Care, H = Logic HIGH, L = Logic LOW.
2. WRITE = L when any one or more byte write enable signals, and BWE = L or GW = L. WRITE = H when all byte write enable signals, BWE, GW = H.
3. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
4. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks after
the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tri-state. OE is a don't care
for the remainder of the write cycle.
5. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tri-state when OE is inactive
or when the device is deselected, and all data bits behave as output when OE is active (LOW).


Similar Part No. - CY7C1380D-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D-250AXC CYPRESS-CY7C1380D-250AXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D-250AXC CYPRESS-CY7C1380D-250AXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D-250AXC CYPRESS-CY7C1380D-250AXC Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
More results

Similar Description - CY7C1380D-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1381D CYPRESS-CY7C1381D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380S CYPRESS-CY7C1380S Datasheet
1Mb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com