Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1380D-200AXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1380D-200AXC
Description  18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380D-200AXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1380D-200AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1380D-200AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1380D-200AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1380D-200AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1380D-200AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380D-200AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380D-200AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380D-200AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380D-200AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
CY7C1380D
CY7C1380F
CY7C1382D
Document Number: 38-05543 Rev. *N
Page 4 of 37
Pin Configurations
Figure 1. 100-pin TQFP (14 × 20 × 1.4 mm) pinout (3-Chip Enable)
CY7C1380D (512 K × 36)
CY7C1382D (1 M × 18)


Similar Part No. - CY7C1380D-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D-200AXC CYPRESS-CY7C1380D-200AXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D-200AXC CYPRESS-CY7C1380D-200AXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D-200AXC CYPRESS-CY7C1380D-200AXC Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
More results

Similar Description - CY7C1380D-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1381D CYPRESS-CY7C1381D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380S CYPRESS-CY7C1380S Datasheet
1Mb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com