Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1441AV33-133AXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1441AV33-133AXI
Description  36-Mbit (1 M x 36) Flow-Through SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441AV33-133AXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1441AV33-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1441AV33-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1441AV33-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1441AV33-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1441AV33-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1441AV33-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1441AV33-133AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1441AV33-133AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1441AV33-133AXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CY7C1441AV33
Document Number: 38-05357 Rev. *K
Page 10 of 34
Truth Table for Read/Write
Function (CY7C1441AV33) [6, 7]
GW
BWE
BWD
BWC
BWB
BWA
Read
H
H
X
X
X
X
Read
H
L
HH
HH
Write Byte A (DQA, DQPA)H
L
H
H
H
L
Write Byte B(DQB, DQPB)H
L
H
H
L
H
Write Bytes A, B (DQA, DQB, DQPA, DQPB)H
L
H
H
L
L
Write Byte C (DQC, DQPC)H
L
H
L
H
H
Write Bytes C, A (DQC, DQA, DQPC, DQPA)H
L
H
L
H
L
Write Bytes C, B (DQC, DQB, DQPC, DQPB)H
L
H
L
L
H
Write Bytes C, B, A (DQC, DQB, DQA, DQPC, DQPB,
DQPA)
HL
HL
L
L
Write Byte D (DQD, DQPD)H
L
L
H
H
H
Write Bytes D, A (DQD, DQA, DQPD, DQPA)H
L
L
H
H
L
Write Bytes D, B (DQD, DQA, DQPD, DQPA)H
L
L
H
L
H
Write Bytes D, B, A (DQD, DQB, DQA, DQPD, DQPB,
DQPA)
HL
LHL
L
Write Bytes D, B (DQD, DQB, DQPD, DQPB)
H
LLL
H
H
Write Bytes D, B, A (DQD, DQC, DQA, DQPD, DQPC,
DQPA)
H
LLL
H
L
Write Bytes D, C, A (DQD, DQB, DQA, DQPD, DQPB,
DQPA)
H
LLL
L
H
Write All Bytes
H
L
L
L
L
L
Write All Bytes
L
X
X
X
X
X
Notes
6. X = “Don't Care.” H = Logic HIGH, L = Logic LOW.
7. Table only lists a partial listing of the byte write combinations. Any Combination of BWX is valid Appropriate write is done based on which byte write is active.


Similar Part No. - CY7C1441AV33-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV33-133AXI CYPRESS-CY7C1441AV33-133AXI Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
More results

Similar Description - CY7C1441AV33-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV25 CYPRESS-CY7C1441AV25_13 Datasheet
1Mb / 33P
   36-Mbit (1 M x 36/512 K x 72) Flow-Through SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25_13 Datasheet
713Kb / 21P
   72-Mbit (2 M x 36) Flow-Through SRAM
CY7C1217H CYPRESS-CY7C1217H Datasheet
386Kb / 16P
   1-Mbit (32K x 36) Flow-Through Sync SRAM
CY7C1217F CYPRESS-CY7C1217F Datasheet
322Kb / 14P
   1-Mbit (32K x 36) Flow-Through Sync SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com