Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381D-133AXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1381D-133AXI
Description  18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381D-133AXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1381D-133AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1381D-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1381D-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1381D-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1381D-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1381D-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1381D-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1381D-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1381D-133AXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CY7C1381D
CY7C1383D
CY7C1383F
Document Number: 38-05544 Rev. *P
Page 8 of 37
The addresses presented are loaded into the address register
and the burst counter, the control logic, or both, and delivered to
the memory core The information presented to DQ[A:D] is written
into the specified address location. Byte writes are allowed. All
I/O are tristated when a write is detected, even a byte write.
Because this is a common I/O device, the asynchronous OE
input signal must be deasserted and the I/O must be tristated
prior to the presentation of data to DQs. As a safety precaution,
the data lines are tristated when a write cycle is detected,
regardless of the state of OE.
Burst Sequences
CY7C1381D/CY7C1383D/CY7C1383F provides an on-chip
two-bit wraparound burst counter inside the SRAM. The burst
counter is fed by A[1:0], and can follow either a linear or
interleaved burst order. The burst order is determined by the
state of the MODE input. A LOW on MODE selects a linear burst
sequence. A HIGH on MODE selects an interleaved burst order.
Leaving MODE unconnected causes the device to default to a
interleaved burst sequence.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation sleep mode. Two clock cycles
are required to enter into or exit from this sleep mode. While in
this mode, data integrity is guaranteed. Accesses pending when
entering the sleep mode are not considered valid nor is the
completion of the operation guaranteed. The device must be
deselected prior to entering the sleep mode. CE1, CE2, CE3,
ADSP, and ADSC must remain inactive for the duration of tZZREC
after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD– 0.2 V
80
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ inactive to exit sleep current
This parameter is sampled
0
ns


Similar Part No. - CY7C1381D-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D-133AXI CYPRESS-CY7C1381D-133AXI Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D-133AXI CYPRESS-CY7C1381D-133AXI Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
More results

Similar Description - CY7C1381D-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25_13 Datasheet
1Mb / 33P
   36-Mbit (1 M x 36/512 K x 72) Flow-Through SRAM
CY7C1363D CYPRESS-CY7C1363D Datasheet
755Kb / 22P
   9-Mbit (512 K x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1461AV33 CYPRESS-CY7C1461AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_11 Datasheet
795Kb / 32P
   9-Mbit (256 K x 36 / 512 K x 18) Flow-through SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com