Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1481BV25 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1481BV25
Description  72-Mbit (2 M x 36) Flow-Through SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1481BV25 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1481BV25_13 Datasheet HTML 1Page - Cypress Semiconductor CY7C1481BV25_13 Datasheet HTML 2Page - Cypress Semiconductor CY7C1481BV25_13 Datasheet HTML 3Page - Cypress Semiconductor CY7C1481BV25_13 Datasheet HTML 4Page - Cypress Semiconductor CY7C1481BV25_13 Datasheet HTML 5Page - Cypress Semiconductor CY7C1481BV25_13 Datasheet HTML 6Page - Cypress Semiconductor CY7C1481BV25_13 Datasheet HTML 7Page - Cypress Semiconductor CY7C1481BV25_13 Datasheet HTML 8Page - Cypress Semiconductor CY7C1481BV25_13 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CY7C1481BV25
72-Mbit (2 M × 36) Flow-Through SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-74847 Rev. *A
Revised May 24, 2013
72-Mbit (2 M × 36) Flow-Through SRAM
Features
Supports 133 MHz bus operations
2 M × 36 common I/O
2.5 V core power supply (VDD)
2.5 V I/O supply (VDDQ)
Fast clock to output time
6.5 ns (133 MHz version)
Provide high performance 2-1-1-1 access rate
User selectable burst counter supporting Intel® Pentium®
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self timed write
Asynchronous output enable
CY7C1481BV25 available in JEDEC standard Pb-free 100-pin
TQFP package
IEEE 1149.1 JTAG compatible boundary scan
ZZ sleep mode option
Functional Description
The CY7C1481BV25 is a 2.5 V, 2 M × 36 synchronous flow
through SRAM designed to interface with high speed
microprocessors with minimum glue logic. Maximum access
delay from clock rise is 6.5 ns (133 MHz version). A 2-bit on-chip
counter captures the first address in a burst and increments the
address automatically for the rest of the burst access. All
synchronous inputs are gated by registers controlled by a
positive edge triggered Clock Input (CLK). The synchronous
inputs include all addresses, all data inputs, address pipelining
Chip Enable (CE1), depth expansion Chip Enables (CE2 and
CE3), Burst Control inputs (ADSC, ADSP, and ADV), Write
Enables (BWx and BWE), and Global Write (GW). Asynchronous
inputs include the Output Enable (OE) and the ZZ pin.
The CY7C1481BV25 enables either interleaved or linear burst
sequences, selected by the MODE input pin. A HIGH selects an
interleaved burst sequence, while a LOW selects a linear burst
sequence. Burst accesses are initiated with the Processor
Address Strobe (ADSP) or the cache Controller Address Strobe
(ADSC) inputs. Address advancement is controlled by the
Address Advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or Address
Strobe Controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
Advance pin (ADV).
Selection Guide
Description
133 MHz
Unit
Maximum Access Time
6.5
ns
Maximum Operating Current
305
mA
Maximum CMOS Standby Current
120
mA


Similar Part No. - CY7C1481BV25_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481BV25-133AXI CYPRESS-CY7C1481BV25-133AXI Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1481BV25_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481BV33 CYPRESS-CY7C1481BV33 Datasheet
951Kb / 32P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1441AV25 CYPRESS-CY7C1441AV25_13 Datasheet
1Mb / 33P
   36-Mbit (1 M x 36/512 K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_13 Datasheet
986Kb / 34P
   36-Mbit (1 M x 36) Flow-Through SRAM
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_12 Datasheet
680Kb / 22P
   72-Mbit (2 M 횞 36) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com