Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1481BV25-133AXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1481BV25-133AXI
Description  72-Mbit (2 M x 36) Flow-Through SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1481BV25-133AXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1481BV25-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1481BV25-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1481BV25-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1481BV25-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1481BV25-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1481BV25-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1481BV25-133AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1481BV25-133AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1481BV25-133AXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
CY7C1481BV25
Document Number: 001-74847 Rev. *A
Page 10 of 21
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ............................... –65
C to +150 C
Ambient Temperature with
Power Applied ......................................... –55
C to +125 C
Supply Voltage on VDD Relative to GND .....–0.3 V to +3.6 V
Supply Voltage on VDDQ Relative to GND .... –0.3 V to +VDD
DC Voltage Applied to Outputs
in Tri-State ........................................–0.5 V to VDDQ + 0.5 V
DC Input Voltage ................................ –0.5 V to VDD + 0.5 V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage
(MIL-STD-883, Method 3015) ................................. >2001 V
Latch Up Current ................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VDD
VDDQ
Commercial
0 °C to +70 °C
2.5 V
– 5% /
+ 5%
2.5 V – 5% to
VDD
Industrial
–40 °C to +85 °C
Electrical Characteristics
Over the Operating Range
Parameter [8, 9]
Description
Test Conditions
Min
Max
Unit
VDD
Power Supply Voltage
2.375
2.625
V
VDDQ
I/O Supply Voltage
For 2.5 V I/O
2.375
VDD
V
VOH
Output HIGH Voltage
For 2.5 V I/O, IOH = –1.0 mA
2.0
V
VOL
Output LOW Voltage
For 2.5 V I/O, IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage [8]
For 2.5 V I/O
1.7
VDD + 0.3 V
V
VIL
Input LOW Voltage [8]
For 2.5 V I/O
–0.3
0.7
V
IX
Input Leakage Current except ZZ
and MODE
GND
 VI  VDDQ
–5
5
A
Input Current of MODE
Input = VSS
–30
A
Input = VDD
–5
A
Input Current of ZZ
Input = VSS
–5
A
Input = VDD
–30
A
IOZ
Output Leakage Current
GND
 VI  VDDQ, Output Disabled
–5
5
A
IDD [10]
VDD Operating Supply Current
VDD = Max, IOUT = 0 mA,
f = fMAX = 1/tCYC
7.5 ns cycle,
133 MHz
–305
mA
ISB1
Automatic CE Power Down
Current – TTL Inputs
Max. VDD, Device Deselected,
VIN  VIH or VIN  VIL, f = fMAX,
inputs switching
7.5 ns cycle,
133 MHz
–170
mA
ISB2
Automatic CE Power Down
Current – CMOS Inputs
Max. VDD, Device Deselected,
VIN  VDD – 0.3 V or VIN  0.3 V,
f = 0, inputs static
7.5 ns cycle,
133 MHz
–120
mA
ISB3
Automatic CE Power Down
Current – CMOS Inputs
Max. VDD, Device Deselected,
VINVDDQ – 0.3 V or VIN  0.3 V,
f = fMAX, inputs switching
7.5 ns cycle,
133 MHz
–170
mA
ISB4
Automatic CE Power Down
Current – TTL Inputs
Max. VDD, Device Deselected,
VIN  VDD – 0.3 V or VIN  0.3 V,
f = 0, inputs static
7.5 ns cycle,
133 MHz
–135
mA
Notes
8. Overshoot: VIH(AC) < VDD + 1.5 V (pulse width less than tCYC/2). Undershoot: VIL(AC) > –2 V (pulse width less than tCYC/2).
9. TPower-up: assumes a linear ramp from 0 V to VDD(minimum) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
10. The operation current is calculated with 50% read cycle and 50% write cycle.


Similar Part No. - CY7C1481BV25-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481BV25-133AXI CYPRESS-CY7C1481BV25-133AXI Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1481BV25-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481BV33 CYPRESS-CY7C1481BV33 Datasheet
951Kb / 32P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1441AV25 CYPRESS-CY7C1441AV25_13 Datasheet
1Mb / 33P
   36-Mbit (1 M x 36/512 K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_13 Datasheet
986Kb / 34P
   36-Mbit (1 M x 36) Flow-Through SRAM
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_12 Datasheet
680Kb / 22P
   72-Mbit (2 M 횞 36) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com