Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64225 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C64225
Description  USB-to-UART Bridge Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64225 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C64225 Datasheet HTML 1Page - Cypress Semiconductor CY7C64225 Datasheet HTML 2Page - Cypress Semiconductor CY7C64225 Datasheet HTML 3Page - Cypress Semiconductor CY7C64225 Datasheet HTML 4Page - Cypress Semiconductor CY7C64225 Datasheet HTML 5Page - Cypress Semiconductor CY7C64225 Datasheet HTML 6Page - Cypress Semiconductor CY7C64225 Datasheet HTML 7Page - Cypress Semiconductor CY7C64225 Datasheet HTML 8Page - Cypress Semiconductor CY7C64225 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CY7C64225
Document Number: 001-76294 Rev. *B
Page 3 of 19
Applications
Enable USB connectivity in legacy peripherals with UART
Industrial and Metering devices
Medical Devices
Point of Sales (POS)
USB-to-UART cables, USB to RS-232 cables
Functional Overview
Introduction
Cypress’s USB-to-UART bridge controller enables seamless PC
connectivity for peripherals with UART interface. It integrates a
USB 2.0 Full-Speed device controller, UART, voltage regulator,
oscillator and flash memory for storing configuration parameters,
offering a cost-effective solution. The controller supports
bus-powered and self-powered modes, and enables efficient
system power management with suspend and remote wake-up
signals. It is available in 28-pin SSOP package.
Functional Description
USB Interface
The USB-to-UART device supports Full-Speed USB operation
and is compliant with USB 2.0 Specification. The integrated USB
Serial Interface Engine (SIE) and USB transceiver manage the
USB protocol and communication.
UART Controller
The USB-to-UART device integrates a UART controller which
supports the baud rates of 300, 600, 1200, 1800, 2400, 3600,
4800, 7200, 9600, 14400, 19200, 28800, 38400, 56000, 57600,
115200 and 230400* with even, odd or no parity.
UART Flow Control
USB-to-UART device supports UART hardware flow control
using control signal pairs such as RTS (Request to Send) - CTS
(Clear to Send) and DTR (Data Terminal Ready) - DSR (Data Set
Ready). Data flow control is disabled by default. The hardware
flow control is optional and can be selected from the host
application software.
Following is the description of flow control signals:
CTS (input):
This signal can pause or resume data transmission over UART
interface. Data transmission can be stopped by de-asserting the
CTS signal and the data transmission can resume with CTS
assertion. The pause and resume operation does not affect data
integrity.
RTS (Output):
The receive buffer has a watermark level of 80%. Once the data
in the receive buffer reaches that level, the RTS signal is
de-asserted indicating the transmitting device to stop data
transmission. Start of data consumption by application will
reduce device data backlog and once it reaches 50% watermark
level, RTS signal will be asserted to resume data reception.
DTR / DSR:
DTR / DSR signals are used to establish communication link with
the UART. These signals complement each other in the
functionality like RTS & CTS.
Note:
Flow control is not supported when operating the device
at 230400 Baud rate.
In applications where hardware flow control is desired, the CTS,
RTS, DSR and DTR pins of the transmitting device have to be
connected to RTS, CTS, DTR and DSR pins of USB-to-UART
device respectively. In cases where DTR and DSR pins are not
available on the transmitting device, the DTR and DSR pins of
USB-to-UART device have to be connected. Please refer the
circuit diagram shown in Figure 8 (provide hyperlink to figure 8).
Suspend and Resume
The USB-to-UART device drives the SUSPEND pin to logic low
and enters into a low power mode whenever the USB bus goes
into suspend state. This helps to meet the stringent suspend
current requirement of the USB 2.0 specification, while using the
device in bus powered mode. The device will resume from
suspend state under any of the following conditions:
1. Any activity is detected on the USB bus
2. WAKE pin is asserted in order to generate Remote Wake-Up
to the host.
WAKE
WAKE pin is used to generate Remote Wake-Up signal on the
USB bus. Remote Wake-Up signal is sent only if the host enables
this feature through SET_FEATURE request. Support for
Remote Wake-Up is intimated to the host from the device
through configuration descriptor during the USB enumeration
process. USB-to-UART device allows enabling/disabling the
Remote Wake-Up feature through the configuration utility
CyUsbUart.
Reset
A logic high on the RESET pin of USB-to-UART device resets
the device.
Activity Indicators
Tx_LED pin and Rx_LED pin are active low and sink a maximum
current of 20 mA each.


Similar Part No. - CY7C64225

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C64215-28PVXC CYPRESS-CY7C64215-28PVXC Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215-28PVXC CYPRESS-CY7C64215-28PVXC Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C64215-56LFXC CYPRESS-CY7C64215-56LFXC Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
More results

Similar Description - CY7C64225

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
   UART-to- USB Bridge Controller
logo
Cypress Semiconductor
CY7C65213 CYPRESS-CY7C65213 Datasheet
2Mb / 29P
   USB-UART LP Bridge Controller
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com