Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64225-28PVXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C64225-28PVXC
Description  USB-to-UART Bridge Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64225-28PVXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C64225-28PVXC Datasheet HTML 1Page - Cypress Semiconductor CY7C64225-28PVXC Datasheet HTML 2Page - Cypress Semiconductor CY7C64225-28PVXC Datasheet HTML 3Page - Cypress Semiconductor CY7C64225-28PVXC Datasheet HTML 4Page - Cypress Semiconductor CY7C64225-28PVXC Datasheet HTML 5Page - Cypress Semiconductor CY7C64225-28PVXC Datasheet HTML 6Page - Cypress Semiconductor CY7C64225-28PVXC Datasheet HTML 7Page - Cypress Semiconductor CY7C64225-28PVXC Datasheet HTML 8Page - Cypress Semiconductor CY7C64225-28PVXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CY7C64225
USB-to-UART Bridge Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-76294 Rev. *B
Revised March 13, 2013
USB-to-UART Bridge Controller
Features
Universal Serial Bus (USB) Integration
Full-Speed
USB peripheral compliant with USB2.0
specification
USB-IF certified with TID 40001425
Support for bus-powered and self-powered configurations
3 endpoints (1 Interrupt IN, 1 Bulk OUT and 1 Bulk IN)
Integrated USB transceiver, 1.5 kΩ pull-up resistor on D+ line
Universal Asynchronous Receiver Transmitter (UART)
Baud rate generation (300 to 230400)
Data format:
• 8 data bits
• 1 stop bit
• No parity, even parity or odd parity
Support for Parity, Overrun and Framing errors
Supports flow control using CTS,RTS,DTR, DSR
LED signals to indicate activity on TxD and RxD lines
Full device operation from a single voltage supply of 3.3 V or 5 V
Low power consumption in suspend mode
225 µA at 5 V operating voltage
207 µA at 3.3 V operating voltage
Integrated 24 MHz oscillator
Integrated 3.3 V regulator
Integrated flash to store device configuration
Software support for ease of development
Configuration utility to program device parameters such as
VID, PID and string descriptors.
Certified Cypress VCP driver for Windows (8 / 7 / Vista / XP)
Support for device drivers for Android, Mac, Linux, Window
CE 4.2, 5.0, 6.0
28-pin SSOP 10 mm × 7.5 mm , RoHS compliant package
Temperature grade
Commercial operating temperature range of 0 °C to +70 °C
Figure 1. CY7C64225 Block Diagram
USB
Transceiver
Voltage
Regulator
24MHz
Oscillator
Serial Interface
Engine
(SIE)
PLL
Tx Buffer
Rx Buffer
FLASH
Baud Rate
Generator
UART
Controller
TxD
RxD
CTS
RTS
DTR
DSR
Tx_LED
Rx_LED
VDD
VBUS
D+
D-
GND
VCFG Reset WAKE Suspend


Similar Part No. - CY7C64225-28PVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C64215-28PVXC CYPRESS-CY7C64215-28PVXC Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215-28PVXC CYPRESS-CY7C64215-28PVXC Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C64215-56LFXC CYPRESS-CY7C64215-56LFXC Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
More results

Similar Description - CY7C64225-28PVXC

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
   UART-to- USB Bridge Controller
logo
Cypress Semiconductor
CY7C65213 CYPRESS-CY7C65213 Datasheet
2Mb / 29P
   USB-UART LP Bridge Controller
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com