Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD5439EB Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-AD5439EB
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5439EB Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-AD5439EB Datasheet HTML 2Page - Analog Devices EVAL-AD5439EB Datasheet HTML 3Page - Analog Devices EVAL-AD5439EB Datasheet HTML 4Page - Analog Devices EVAL-AD5439EB Datasheet HTML 5Page - Analog Devices EVAL-AD5439EB Datasheet HTML 6Page - Analog Devices EVAL-AD5439EB Datasheet HTML 7Page - Analog Devices EVAL-AD5439EB Datasheet HTML 8Page - Analog Devices EVAL-AD5439EB Datasheet HTML 9Page - Analog Devices EVAL-AD5439EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 6 of 32
t8
t7
t12
t1
t3
t2
t4
t5
t6
DB15
(N)
DB15
(N + 1)
DB0
(N)
DB0
(N + 1)
DB15
(N)
DB0
(N)
SCLK
SYNC
SDIN
SDO
NOTES
1. ALTERNATIVELY, DATA CAN BE CLOCKED INTO THE INPUT SHIFT REGISTER ON THE RISING EDGE OF SCLK AS
DETERMINED BY THE CONTROL BITS. IN THIS CASE, DATA WOULD BE CLOCKED OUT OF SDO ON THE FALLING
EDGE OF SCLK. TIMING IS AS ABOVE, WITH SCLK INVERTED.
Figure 3. Daisy-Chain Timing Diagram
SDO
SDIN
SYNC
SCLK
16
32
DB15
DB0
DB15
DB0
DB15
UNDEFINED
NOP CONDITION
DB0
INPUT WORD SPECIFIES
REGISTER TO BE READ
SELECTED REGISTER DATA
CLOCKED OUT
Figure 4. Readback Mode Timing Diagram
200
μAIOL
200
μAIOH
TO OUTPUT
PIN
CL
50pF
VOH (MIN) + VOL (MAX)
2
Figure 5. Load Circuit for SDO Timing Specifications


Similar Part No. - EVAL-AD5439EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD5432EB AD-EVAL-AD5432EB Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
EVAL-AD5433EBZ AD-EVAL-AD5433EBZ Datasheet
866Kb / 32P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. B
More results

Similar Description - EVAL-AD5439EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5429 AD-AD5429 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5429 AD-AD5429_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5439 AD-AD5439_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com