Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY4640 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY4640
Description  EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4640 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY4640 Datasheet HTML 5Page - Cypress Semiconductor CY4640 Datasheet HTML 6Page - Cypress Semiconductor CY4640 Datasheet HTML 7Page - Cypress Semiconductor CY4640 Datasheet HTML 8Page - Cypress Semiconductor CY4640 Datasheet HTML 9Page - Cypress Semiconductor CY4640 Datasheet HTML 10Page - Cypress Semiconductor CY4640 Datasheet HTML 11Page - Cypress Semiconductor CY4640 Datasheet HTML 12Page - Cypress Semiconductor CY4640 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
CY7C67300
Document Number: 38-08015 Rev. *L
Page 9 of 112
SPI Pins
The SPI port has a few different pin location options as shown in
Table 9. The port location is selectable via the GPIO control
register [0xC006].
High-Speed Serial Interface
EZ-Host provides an HSS interface. The HSS interface is a
programmable serial connection with baud rate from 9600 baud
to 2.0M baud. The HSS interface supports both byte and block
mode operations and also hardware and software handshaking.
Complete control of EZ-Host can be accomplished through this
interface via an extensible API and communication protocol. The
HSS interface can be exposed through GPIO pins or the External
Memory port.
HSS Features
8 bits, no parity code
Programmable baud rate from 9600 baud to 2M baud
Selectable 1- or 2-stop bit on transmit
Programmable inter-character gap timing for Block Transmit
8-byte receive FIFO
Glitch filter on receive
Block mode transfer directly to/from EZ-Host internal memory
(DMA transfer)
Selectable CTS/RTS hardware signal handshake protocol
Selectable XON/XOFF software handshake protocol
Programmable Receive interrupt, Block Transfer Done inter-
rupts
Complete access to internal memory
HSS Pins
The HSS port has a few different pin location options as shown
in Table 10. The port location is selectable via the GPIO control
register [0xC006].
Programmable Pulse/PWM Interface
EZ-Host has four built in PWM output channels. Each channel
provides a programmable timing generator sequence that can be
used to interface to various image sensors or other applications.
The PWM interface is exposed through GPIO pins.
Programmable Pulse/PWM Features
Four independent programmable waveform generators
Programmable predefined frequencies ranging from 5.90 KHz
to 48 MHz
Configurable polarity
Continuous and one-shot mode available
Programmable Pulse/PWM Pins.
Table 9. SPI Interface Pins
Pin Name
Pin Number
Default Location
nSSI
56 or 65
SCK
61
MOSI
60
MISO
66
Alternate Location
nSSI
73
SCK
72
MOSI
71
MISO
74
Table 10. HSS Interface Pins
Pin Name
Pin Number
Default Location
CTS
44
RTS
53
RXD
54
TXD
55
Alternate Location
CTS
67
RTS
68
RXD
69
TXD
70
Table 11. PWM Interface Pins
Pin Name
Pin Number
PWM3
44
PWM2
53
PWM1
54
PWM0
55


Similar Part No. - CY4640

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4640 CYPRESS-CY4640 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
More results

Similar Description - CY4640

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_07 Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com