Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7023BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADF7023BCPZ
Description  High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7023BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADF7023BCPZ Datasheet HTML 1Page - Analog Devices ADF7023BCPZ Datasheet HTML 2Page - Analog Devices ADF7023BCPZ Datasheet HTML 3Page - Analog Devices ADF7023BCPZ Datasheet HTML 4Page - Analog Devices ADF7023BCPZ Datasheet HTML 5Page - Analog Devices ADF7023BCPZ Datasheet HTML 6Page - Analog Devices ADF7023BCPZ Datasheet HTML 7Page - Analog Devices ADF7023BCPZ Datasheet HTML 8Page - Analog Devices ADF7023BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
Data Sheet
ADF7023
Rev. C | Page 5 of 112
The communications processor provides support for generic
packet formats. The packet format is highly flexible and fully
programmable, thereby ensuring its compatibility with
proprietary packet profiles. In transmit mode, the commun-
ications processor can be configured to add preamble, sync
word, and CRC to the payload data stored in packet RAM. In
receive mode, the communications processor can detect and
interrupt the host processor on reception of preamble, sync
word, address, and CRC and store the received payload to
packet RAM. The ADF7023 uses an efficient interrupt system
comprising MAC level interrupts and PHY level interrupts that
can be individually set. The payload data plus the 16-bit CRC
can be encoded/decoded using Manchester or 8b/10b encoding.
Alternatively, data whitening and dewhitening can be applied.
The smart wake mode (SWM) allows the ADF7023 to wake up
autonomously from sleep using the internal wake-up timer
without intervention from the host processor. After wake-up,
the ADF7023 is controlled by the communications processor.
This functionality allows carrier sense, packet sniffing, and
packet reception while the host processor is in sleep, thereby
reducing overall system current consumption. The smart wake
mode can wake the host processor on an interrupt condition.
These interrupt conditions can be configured to include the
reception of valid preamble, sync word, CRC, or address match.
Wake-up from sleep mode can also be triggered by the host
processor. For systems requiring very accurate wake-up timing,
a 32 kHz oscillator can be used to drive the wake-up timer.
Alternatively, the internal RC oscillator can be used, which gives
lower current consumption in sleep.
The ADF7023 features an advanced encryption standard (AES)
engine with hardware acceleration that provides 128-bit block
encryption and decryption with key sizes of 128 bits, 192 bits,
and 256 bits. Both electronic code book (ECB) and Cipher
Block Chaining Mode 1 (CBC Mode 1) are supported. The AES
engine can be used to encrypt/decrypt packet data and can be
used as a standalone engine for encryption/decryption by the
host processor. The AES engine is enabled on the ADF7023 by
downloading the AES software module to program RAM. The
AES software module is available from Analog Devices, Inc.
An on-chip, 8-bit ADC provides readback of an external analog
input, the RSSI signal, or an integrated temperature sensor. An
integrated battery voltage monitor raises an interrupt flag to the
host processor whenever the battery voltage drops below a user-
defined threshold.


Similar Part No. - ADF7023BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023BCPZ-RL AD-ADF7023BCPZ-RL Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
More results

Similar Description - ADF7023BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
   High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
   Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com