Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20467-24LQXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C20467-24LQXI
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20467-24LQXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C20467-24LQXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20467-24LQXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20467-24LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20467-24LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20467-24LQXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20467-24LQXI Datasheet HTML 10Page - Cypress Semiconductor CY8C20467-24LQXI Datasheet HTML 11Page - Cypress Semiconductor CY8C20467-24LQXI Datasheet HTML 12Page - Cypress Semiconductor CY8C20467-24LQXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
CY8C20xx7/S
Document Number: 001-69257 Rev. *I
Page 9 of 43
24-pin QFN (16 Sensing Inputs)[11]
Table 3. Pin Definitions – CY8C20337, CY8C20347/S [12]
Pin
No.
Type
Name
Description
Figure 4. CY8C20337, CY8C20347/S Device
Digital Analog
1
I/O
I
P2[5] Crystal output (XOut)
2
I/O
I
P2[3] Crystal input (XIn)
3
I/O
I
P2[1]
4
IOHR
I
P1[7] I2C SCL, SPI SS
5
IOHR
I
P1[5] I2C SDA, SPI MISO
6
IOHR
I
P1[3] SPI CLK
7
IOHR
I
P1[1] ISSP CLK[13], I2C SCL, SPI
MOSI
8
NC
No connection
9
Power
VSS
Ground connection
10
IOHR
I
P1[0] ISSP DATA[13], I2C SDA, SPI
CLK[14]
11
IOHR
I
P1[2] Driven Shield Output
(optional)
12
IOHR
I
P1[4] Optional external clock input
(EXTCLK)
13
IOHR
I
P1[6]
14
Input
XRES Active high external reset
with internal pull-down
15
I/O
I
P2[2] Driven Shield Output
(optional)
16
I/O
I
P2[4] Driven Shield Output
(optional)
17
IOH
I
P0[0] Driven Shield Output
(optional)
18
IOH
I
P0[2] Driven Shield Output
(optional)
19
IOH
I
P0[4]
20
Power
VDD
Supply voltage
21
IOH
I
P0[7]
22
IOH
I
P0[3] Integrating input
23
Power
VSS
Ground connection
24
IOH
I
P0[1] Integrating input
CP
Power
VSS
Center pad must be
connected to ground
LEGEND
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output.
QFN
(Top View)
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI MISO, P1[5]
AI, SPI CLK, P1[3]
1
2
3
4
5
6
18
17
16
15
14
13
P0[0], AI
P2[4], AI
P0[2], AI
AI, P2[1]
P1[6], AI
XRES
P2[2], AI
AI, XOut, P2[5]
AI, XIn, P2[3]
Notes
11. The center pad (CP) on the QFN package must be connected to ground (VSS) for best mechanical, thermal, and electrical performance. If not connected to ground,
it must be electrically floated and not connected to any other signal.
12. 19 GPIOs = 16 pins for capacitive sensing+2 pins for I2C + 1 pin for modulator capacitor.
13. On power-up, the SDA(P1[0]) drives a strong high for 256 sleep clock cycles and drives resistive low for the next 256 sleep clock cycles. The SCL(P1[1]) line drives
resistive low for 512 sleep clock cycles and both the pins transition to high impedance state. On reset, after XRES de-asserts, the SDA and the SCL lines drive
resistive low for 8 sleep clock cycles and transition to high impedance state. Hence, during power-up or reset event, P1[1] and P1[0] may disturb the I2C bus. Use
alternate pins if you encounter issues.
14. Alternate SPI clock.


Similar Part No. - CY8C20467-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20466-24LQXI CYPRESS-CY8C20466-24LQXI Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20466-24LQXI CYPRESS-CY8C20466-24LQXI Datasheet
706Kb / 39P
   CapSense Applications
CY8C20466-24LQXI CYPRESS-CY8C20466-24LQXI Datasheet
1Mb / 39P
   CapSense Applications
CY8C20466-24LQXIT CYPRESS-CY8C20466-24LQXIT Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20466-24LQXIT CYPRESS-CY8C20466-24LQXIT Datasheet
706Kb / 39P
   CapSense Applications
More results

Similar Description - CY8C20467-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20X36A CYPRESS-CY8C20X36A_12 Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
logo
Semtech Corporation
SX9512 SEMTECH-SX9512 Datasheet
1Mb / 53P
   8 Capacitive Buttons, LEDs and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CKIT-024 CYPRESS-CY8CKIT-024 Datasheet
1Mb / 29P
   CapSense짰 Proximity Shield Kit Guide
Rev. *B
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Semtech Corporation
SX9510 SEMTECH-SX9510 Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
logo
Semtech Corporation
SX9510EVK SEMTECH-SX9510EVK Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com