Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20247S-24LKXIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C20247S-24LKXIT
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20247S-24LKXIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C20247S-24LKXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C20247S-24LKXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C20247S-24LKXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20247S-24LKXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20247S-24LKXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20247S-24LKXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20247S-24LKXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20247S-24LKXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20247S-24LKXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
CY8C20xx7/S
Document Number: 001-69257 Rev. *I
Page 2 of 43
Logic Block Diagram
CAPSENSE
SYSTEM
1K/2 K
SRAM
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
Internal Low Speed Oscillator (ILO)
6/12/ 24 MHz Internal Main Oscillator
(IMO)
PSoC CORE
CPU Core(M8C)
Supervisory ROM (SROM)
8K/16K/32 K Flash
Nonvolatile Memory
SYSTEM RESOURCES
SYSTEM BUS
Analog
Reference
SYSTEM BUS
Port 3
Port2
Port 1
Port 0
CapSense
Module
Global Analog Interconnect
1.8/2.5/3 V
LDO
Analog
Mux
I2C
Slave
SPI
Master/
Slave
POR
and
LVD
System
Resets
Internal
Voltage
References
Three 16- Bit
Programmable
Timers
PWRSYS
(Regulator)
Port 4
Digital
Clocks
Comparator #2
Comparator #1
[2]
Note
2. Internal voltage regulator for internal circuitry


Similar Part No. - CY8C20247S-24LKXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20246-24LKXI CYPRESS-CY8C20246-24LKXI Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20246-24LKXI CYPRESS-CY8C20246-24LKXI Datasheet
706Kb / 39P
   CapSense Applications
CY8C20246-24LKXI CYPRESS-CY8C20246-24LKXI Datasheet
1Mb / 39P
   CapSense Applications
CY8C20246-24LKXIT CYPRESS-CY8C20246-24LKXIT Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20246-24LKXIT CYPRESS-CY8C20246-24LKXIT Datasheet
706Kb / 39P
   CapSense Applications
More results

Similar Description - CY8C20247S-24LKXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20X36A CYPRESS-CY8C20X36A_12 Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
logo
Semtech Corporation
SX9512 SEMTECH-SX9512 Datasheet
1Mb / 53P
   8 Capacitive Buttons, LEDs and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CKIT-024 CYPRESS-CY8CKIT-024 Datasheet
1Mb / 29P
   CapSense짰 Proximity Shield Kit Guide
Rev. *B
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Semtech Corporation
SX9510 SEMTECH-SX9510 Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
logo
Semtech Corporation
SX9510EVK SEMTECH-SX9510EVK Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com