Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG712BRUZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADG712BRUZ-REEL
Description  CMOS Low Voltage, 4 廓 Quad, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG712BRUZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG712BRUZ-REEL Datasheet HTML 2Page - Analog Devices ADG712BRUZ-REEL Datasheet HTML 3Page - Analog Devices ADG712BRUZ-REEL Datasheet HTML 4Page - Analog Devices ADG712BRUZ-REEL Datasheet HTML 5Page - Analog Devices ADG712BRUZ-REEL Datasheet HTML 6Page - Analog Devices ADG712BRUZ-REEL Datasheet HTML 7Page - Analog Devices ADG712BRUZ-REEL Datasheet HTML 8Page - Analog Devices ADG712BRUZ-REEL Datasheet HTML 9Page - Analog Devices ADG712BRUZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG711/ADG712/ADG713
Rev. B | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN1 1
D1 2
S1 3
NC 4
IN2
16
D2
15
S2
14
VDD
13
GND 5
NC
12
S4 6
S3
11
D4 7
D3
10
IN4 8
IN3
9
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
ADG711/
ADG712/
ADG713
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4.
Pin Number
Mnemonic
Description
1
IN1
Digital Control Input. Its logic state controls the status of the Switch S1-D1.
2
D1
Drain Pin. Can be used as input or output.
3
S1
Source Pin. Can be used as input or output.
4
NC
Not internally connected.
5
GND
The most negative power supply pin.
6
S4
Source Pin. Can be used as input or output.
7
D4
Drain Pin. Can be used as input or output.
8
IN4
Digital Control Input. Its logic state controls the status of the Switch S4-D4.
9
IN3
Digital Control Input. Its logic state controls the status of the Switch S3-D3.
10
D3
Drain Pin. Can be used as input or output.
11
S3
Source Pin. Can be used as input or output.
12
NC
Not internally connected.
13
VDD
The most positive power supply pin.
14
S2
Source Pin. Can be used as input or output.
15
D2
Drain Pin. Can be used as input or output.
16
IN2
Digital Control Input. Its logic state controls the status of the Switch S3-D3.
Table 5. Truth Table (ADG711/ADG712)
ADG711 In
ADG712 In
Switch Condition
0
1
On
1
0
Off
Table 6. Truth Table (ADG713)
Logic
Switch 1, 4
Switch 2, 3
0
Off
On
1
On
Off


Similar Part No. - ADG712BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG712BRU AD-ADG712BRU Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG712BRU-REEL7 AD-ADG712BRU-REEL7 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
More results

Similar Description - ADG712BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Analog Devices
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com