Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20447S-24LQXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C20447S-24LQXIT
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20447S-24LQXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C20447S-24LQXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C20447S-24LQXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C20447S-24LQXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20447S-24LQXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20447S-24LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20447S-24LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20447S-24LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20447S-24LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20447S-24LQXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
CY8C20xx7/S
Document Number: 001-69257 Rev. *I
Page 5 of 43
Additional System Resources
System resources provide additional capability, such as
configurable I2C slave, SPI master/slave communication
interface, three 16-bit programmable timers, various system
resets supported by the M8C low voltage detection and power-
on reset. The merits of each system resource are listed here:
The I2C slave/SPI master-slave module provides 50/100/
400 kHz communication over two wires. SPI communication
over three or four wires runs at speeds of 46.9 kHz to 3 MHz
(lower for a slower system clock).
The I2C hardware address recognition feature reduces the
already low power consumption by eliminating the need for
CPU intervention until a packet addressed to the target device
is received.
The I2C enhanced slave interface appears as a 32-byte RAM
buffer to the external I2C master. Using a simple predefined
protocol, the master controls the read and write pointers into
the RAM. When this method is enabled, the slave does not stall
the bus when receiving data bytes in active mode. For usage
details, see the application note I2C Enhanced Slave Operation
- AN56007.
Low-voltage detection (LVD) interrupts can signal the
application of falling voltage levels, while the advanced power-
on reset (POR) circuit eliminates the need for a system
supervisor.
An internal reference provides an absolute reference for
capacitive sensing.
A register-controlled bypass mode allows the user to disable
the LDO regulator.
Getting Started
The quickest way to understand PSoC silicon is to read this
datasheet and then use the PSoC Designer Integrated
Development Environment (IDE). This datasheet is an overview
of the PSoC integrated circuit and presents specific pin, register,
and electrical specifications.
For in depth information, along with detailed programming
details, see the Technical Reference Manual for the CY8C20x37/
47/67/S PSoC devices.
For up-to-date ordering, packaging, and electrical specification
information, see the latest PSoC device datasheets on the web
at www.cypress.com/psoc.
Application Notes/Design Guides
Application notes and design guides are an excellent
introduction to the wide variety of possible PSoC designs. They
are
located
at
www.cypress.com/gocapsense.
Select
Application Notes under the Related Documentation tab.
Development Kits
PSoC Development Kits are available online from Cypress at
www.cypress.com/shop and through a growing number of
regional and global distributors, which include Arrow, Avnet, Digi-
Key, Farnell, Future Electronics, and Newark. See Development
Kits on page 31.
Training
Free PSoC and CapSense technical training (on demand,
webinars,
and
workshops)
is
available
online
at
www.cypress.com/training. The training covers a wide variety of
topics and skill levels to assist you in your designs.
CYPros Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed PSoC designs. To contact or become a
PSoC Consultant go to www.cypress.com/cypros.
Solutions Library
Visit our growing library of solution focused designs at
www.cypress.com/solutions. Here you can find various
application designs that include firmware and hardware design
files that enable you to complete your designs quickly.
Technical Support
For assistance with technical issues, search KnowledgeBase
articles and forums at www.cypress.com/support. If you cannot
find an answer to your question, create a technical support case
or call technical support at 1-800-541-4736.


Similar Part No. - CY8C20447S-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20446-24LQXI CYPRESS-CY8C20446-24LQXI Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20446-24LQXI CYPRESS-CY8C20446-24LQXI Datasheet
706Kb / 39P
   CapSense Applications
CY8C20446-24LQXI CYPRESS-CY8C20446-24LQXI Datasheet
1Mb / 39P
   CapSense Applications
CY8C20446-24LQXIT CYPRESS-CY8C20446-24LQXIT Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20446-24LQXIT CYPRESS-CY8C20446-24LQXIT Datasheet
706Kb / 39P
   CapSense Applications
More results

Similar Description - CY8C20447S-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20X36A CYPRESS-CY8C20X36A_12 Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
logo
Semtech Corporation
SX9512 SEMTECH-SX9512 Datasheet
1Mb / 53P
   8 Capacitive Buttons, LEDs and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CKIT-024 CYPRESS-CY8CKIT-024 Datasheet
1Mb / 29P
   CapSense짰 Proximity Shield Kit Guide
Rev. *B
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Semtech Corporation
SX9510 SEMTECH-SX9510 Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
logo
Semtech Corporation
SX9510EVK SEMTECH-SX9510EVK Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com