Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG713BRZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG713BRZ-REEL7
Description  CMOS Low Voltage, 4 廓 Quad, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG713BRZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG713BRZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG713BRZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG713BRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG713BRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG713BRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG713BRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG713BRZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG713BRZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG713BRZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG711/ADG712/ADG713
Rev. B | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
DRAIN OR SOURCE VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
VDD = 2.7V
VDD = 3.0V
VDD = 4.5V
TA = 25°C
VDD = 5.0V
Figure 3. On Resistance as a Function of VD (VS)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
DRAIN OR SOURCE VOLTAGE (V)
2.5
3.0
VDD = 3V
TA = +25°C
TA = +85°C
TA = –40°C
Figure 4. On Resistance as a Function of VD (VS) for Different Temperatures
VDD = 3 V
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
DRAIN OR SOURCE VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
VDD = 5V
TA = +85°C
TA = –40°C
TA = +25°C
Figure 5. On Resistance as a Function of VD (VS) for Different Temperatures
VDD = 5 V
1n
10n
100n
10µ
100µ
1m
10m
100
10M
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = 5V
4 SW
8 SW
Figure 6. Supply Current vs. Input Switching Frequency
10k
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
100k
1M
100M
10M
FREQUENCY (Hz)
VDD = 5V, 3V
Figure 7. Off Isolation vs. Frequency
10k
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
100k
1M
100M
10M
FREQUENCY (Hz)
VDD = 5V, 3V
Figure 8. Crosstalk vs. Frequency


Similar Part No. - ADG713BRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG713BR AD-ADG713BR Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG713BRU AD-ADG713BRU Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
More results

Similar Description - ADG713BRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Analog Devices
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com