Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20646A-24LQXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C20646A-24LQXIT
Description  1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20646A-24LQXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C20646A-24LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20646A-24LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20646A-24LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20646A-24LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20646A-24LQXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C20646A-24LQXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C20646A-24LQXIT Datasheet HTML 11Page - Cypress Semiconductor CY8C20646A-24LQXIT Datasheet HTML 12Page - Cypress Semiconductor CY8C20646A-24LQXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
CY8C20XX6A/S
Document Number: 001-54459 Rev. *T
Page 9 of 51
Pinouts
The CY8C20XX6A/S PSoC device is available in a variety of packages, which are listed and illustrated in the following tables. Every
port pin (labeled with a “P”) is capable of Digital I/O and connection to the common analog bus. However, VSS, VDD, and XRES are
not capable of Digital I/O.
16-pin QFN (10 Sensing Inputs)[3, 4]
Table 1. Pin Definitions – CY8C20236A, CY8C20246A, CY8C20246AS PSoC Device
Pin
No.
Type
Name
Description
Figure 2. CY8C20236A, CY8C20246A, CY8C20246AS
Digital
Analog
1
I/O
I
P2[5] Crystal output (XOut)
2
I/O
I
P2[3] Crystal input (XIn)
3
IOHR
I
P1[7] I2C SCL, SPI SS
4
IOHR
I
P1[5] I2C SDA, SPI MISO
5
IOHR
I
P1[3] SPI CLK
6
IOHR
I
P1[1] ISSP CLK[5], I2C SCL, SPI
MOSI
7
Power
VSS
Ground connection
8
IOHR
I
P1[0] ISSP DATA[5], I2C SDA, SPI
CLK[6]
9
IOHR
I
P1[2]
10
IOHR
I
P1[4] Optional external clock
(EXTCLK)
11
Input
XRES Active high external reset with
internal pull-down
12
IOH
I
P0[4]
13
Power
VDD
Supply voltage
14
IOH
I
P0[7]
15
IOH
I
P0[3] Integrating input
16
IOH
I
P0[1] Integrating input
LEGEND
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output.
QFN
( Top View)
AI, XOut, P2[5]
AI,I2 C SCL, SPI SS, P1[7]
AI,I2 C SDA, SPI MISO, P1[5]
1
2
3
4
11
10
9
P0[4] , AI
P1[2] , AI
AI, XIn, P2[3]
P1[4] , EXTCLK, AI
XRES
12
Notes
3. 13 GPIOs = 10 pins for capacitive sensing + 2 pins for I2C + 1 pin for modulation capacitor.
4. No Center Pad.
5. On power-up, the SDA(P1[0]) drives a strong high for 256 sleep clock cycles and drives resistive low for the next 256 sleep clock cycles. The SCL(P1[1]) line drives
resistive low for 512 sleep clock cycles and both the pins transition to high impedance state. On reset, after XRES de-asserts, the SDA and the SCL lines drive
resistive low for 8 sleep clock cycles and transition to high impedance state. Hence, during power-up or reset event, P1[1] and P1[0] may disturb the I2C bus. Use
alternate pins if you encounter issues.
6. Alternate SPI clock.


Similar Part No. - CY8C20646A-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20646A-24LQXIT CYPRESS-CY8C20646A-24LQXIT Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
More results

Similar Description - CY8C20646A-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX7 CYPRESS-CY8C20XX7 Datasheet
689Kb / 43P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
CY8C20X36A CYPRESS-CY8C20X36A_12 Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
logo
Texas Instruments
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com