Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20647S-24LQXIT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C20647S-24LQXIT
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20647S-24LQXIT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C20647S-24LQXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C20647S-24LQXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20647S-24LQXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20647S-24LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20647S-24LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20647S-24LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20647S-24LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20647S-24LQXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C20647S-24LQXIT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
CY8C20xx7/S
Document Number: 001-69257 Rev. *I
Page 6 of 43
Designing with PSoC Designer
The PSoC development process can be summarized in the
following four steps:
1. Select User Modules
2. Configure User Modules
3. Organize and Connect
4. Generate and Verify
Select Components
PSoC Designer provides a library of pre-built, pre-tested
hardware peripheral components called “user modules”. User
modules make selecting and implementing peripheral devices,
both analog and digital, simple.
Configure Components
Each of the User Modules you select establishes the basic
register settings that implement the selected function. They also
provide parameters and properties that allow you to tailor their
precise configuration to your particular application. The user
module parameters permit you to establish the pulse width and
duty cycle. Configure the parameters and properties to
correspond to your chosen application. Enter values directly or
by selecting values from drop-down menus. All the user modules
are documented in datasheets that may be viewed directly in
PSoC Designer or on the Cypress website. These user module
datasheets explain the internal operation of the User Module and
provide performance specifications. Each datasheet describes
the use of each user module parameter, and other information
you may need to successfully implement your design.
Organize and Connect
You build signal chains at the chip level by interconnecting user
modules to each other and the I/O pins. You perform the
selection, configuration, and routing so that you have complete
control over all on-chip resources.
Generate, Verify, and Debug
When you are ready to test the hardware configuration or move
on to developing code for the project, you perform the “Generate
Configuration Files” step. This causes PSoC Designer to
generate source code that automatically configures the device to
your specification and provides the software for the system. The
generated code provides application programming interfaces
(APIs) with high-level functions to control and respond to
hardware events at run time and interrupt service routines that
you can adapt as needed.
A complete code development environment allows you to
develop and customize your applications in C, assembly
language, or both.


Similar Part No. - CY8C20647S-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20646-24LTXI CYPRESS-CY8C20646-24LTXI Datasheet
706Kb / 39P
   CapSense Applications
CY8C20646-24LTXI CYPRESS-CY8C20646-24LTXI Datasheet
1Mb / 39P
   CapSense Applications
CY8C20646-24LTXIT CYPRESS-CY8C20646-24LTXIT Datasheet
706Kb / 39P
   CapSense Applications
CY8C20646-24LTXIT CYPRESS-CY8C20646-24LTXIT Datasheet
1Mb / 39P
   CapSense Applications
CY8C20646A-24LQXI CYPRESS-CY8C20646A-24LQXI Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
More results

Similar Description - CY8C20647S-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20X36A CYPRESS-CY8C20X36A_12 Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
logo
Semtech Corporation
SX9512 SEMTECH-SX9512 Datasheet
1Mb / 53P
   8 Capacitive Buttons, LEDs and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CKIT-024 CYPRESS-CY8CKIT-024 Datasheet
1Mb / 29P
   CapSense짰 Proximity Shield Kit Guide
Rev. *B
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Semtech Corporation
SX9510 SEMTECH-SX9510 Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
logo
Semtech Corporation
SX9510EVK SEMTECH-SX9510EVK Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com