Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U309 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # U309
Description  Very High System Sensitivity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U309 Datasheet(HTML) 3 Page - Vishay Siliconix

  U309 Datasheet HTML 1Page - Vishay Siliconix U309 Datasheet HTML 2Page - Vishay Siliconix U309 Datasheet HTML 3Page - Vishay Siliconix U309 Datasheet HTML 4Page - Vishay Siliconix U309 Datasheet HTML 5Page - Vishay Siliconix U309 Datasheet HTML 6Page - Vishay Siliconix U309 Datasheet HTML 7Page - Vishay Siliconix U309 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
J/SST/U308 Series
Vishay Siliconix
Document Number: 70237
S-50149—Rev. H, 24-Jan-05
www.vishay.com
3
SPECIFICATIONS FOR U309 AND U310 (TA = 25_C UNLESS NOTED)
Limits
U309
U310
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Gate-Source Breakdown Voltage
V(BR)GSS
IG = −1 mA , VDS = 0 V
−35
−25
−25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 10 V, ID = 1 nA
−1
−4
−2.5
−6
V
Saturation Drain Currentb
IDSS
VDS = 10 V, VGS = 0 V
12
30
24
60
mA
Gate Reverse Current
IGSS
VGS = −15 V, VDS = 0 V
−0.002
0.15
0.15
nA
Gate Reverse Current
IGSS
TA = 125_C
−0.001
0.15
0.15
mA
Gate Operating Current
IG
VDG = 9 V, ID = 10 mA
−15
pA
Drain-Source On-Resistance
rDS(on)
VGS = 0 V, ID = 1 mA
35
W
Gate-Source Forward Voltage
VGS(F)
IG = 10 mA , VDS = 0 V
0.7
1
1
V
Dynamic
Common-Source
Forward Transconductance
gfs
VDS = 10 V, ID = 10 mA
14
10
10
mS
Common-Source
Output Conductance
gos
VDS = 10 V, ID = 10 mA
f = 1 kHz
110
250
250
mS
Common-Source
Input Capacitance
Ciss
VDS = 10 V, VGS = −10 V
4
5
5
pF
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 10 V, VGS = −10 V
f = 1 MHz
1.9
2.5
2.5
pF
Equivalent Input Noise Voltage
en
VDS = 10 V, ID = 10 mA
f = 100 Hz
6
nV⁄
√Hz
High Frequency
Common-Gate
gf
f = 105 MHz
14
Common-Gate
Forward Transconductance
gfg
f = 450 MHz
13
mS
Common-Gate
g
f = 105 MHz
0.16
mS
Common-Gate
Output Conductance
gog
VDS = 10 V
f = 450 MHz
0.55
Common Gate Power Gainc, d
G
VDS = 10 V
ID = 10 mA
f = 105 MHz
16
14
14
Common-Gate Power Gainc, d
Gpg
f = 450 MHz
11.5
10
10
dB
Noise Figured
NF
f = 105 MHz
1.5
2
2
dB
Noise Figured
NF
f = 450 MHz
2.7
3.5
3.5
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NZB
b.
Pulse test: PW v300 ms duty cycle v3%.
c.
Gain (Gpg) measured at optimum input noise match.
d.
Not a production test.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.


Similar Part No. - U309

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
U309 FAIRCHILD-U309 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Vishay Siliconix
U309 VISHAY-U309 Datasheet
91Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
logo
Calogic, LLC
U309 CALOGIC-U309 Datasheet
24Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
U309 LINEAR-U309 Datasheet
294Kb / 2P
   SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
Intersil Corporation
U309 INTERSIL-U309 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - U309

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
US2882 MELEXIS-US2882 Datasheet
495Kb / 12P
   Bipolar Hall Switch - Very High Sensitivity
US2881 MELEXIS-US2881 Datasheet
496Kb / 12P
   Bipolar Hall Switch - Very High Sensitivity
US2882 MELEXIS-US2882_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
logo
Texas Instruments
TC285SPD-30 TI1-TC285SPD-30 Datasheet
429Kb / 30P
[Old version datasheet]   Very Low Noise, Very High Sensitivity, Electronically Variable Charge Domain Gain
logo
Melexis Microelectronic...
US4881 MELEXIS-US4881 Datasheet
442Kb / 11P
   Bipolar Hall Switch Low Voltage & Very High Sensitivity
logo
TAITIEN ELECTRONICS CO....
XO-0171-VLEU TAITIEN-XO-0171-VLEU Datasheet
285Kb / 3P
   High Frequency Very Low Noise/Low g-Sensitivity VCXO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com