Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMN13112 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AMN13112
Description  MOTION SENSOR (PASSIVE INFRARED TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN13112 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AMN13112 Datasheet HTML 1Page - Panasonic Semiconductor AMN13112 Datasheet HTML 2Page - Panasonic Semiconductor AMN13112 Datasheet HTML 3Page - Panasonic Semiconductor AMN13112 Datasheet HTML 4Page - Panasonic Semiconductor AMN13112 Datasheet HTML 5Page - Panasonic Semiconductor AMN13112 Datasheet HTML 6Page - Panasonic Semiconductor AMN13112 Datasheet HTML 7Page - Panasonic Semiconductor AMN13112 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
13
Remark: Circuit stability time: 30s max.
While the circuitry is stabilizing after the power is turned on, the sensor output is not fixed in the “on” state or “off” state. This is true regardless of whether or not
the sensor has detected anything.
[Timing chart]
1) Digital output
ON
OFF
Power supply
Detection state
ON
OFF
Detect
Not
detect
Sensor output
Circuit stability time
2) Analog output
Items
Symbol
Specified value
Measured conditions
Reted operating voltage
Minimum
Maximum
Vdd
4.5 V DC
5.5 V DC
Output voltage
Minimum
Typical
Maximum
Vout
0 V
2.5 V
Vdd
Output offset average voltage
Minimum
Typical
Maximum
Voff
2.3 V
2.5 V
2.7 V
Steady-state output
voltage when not
detecting
Reted consumption current
Typical
Maximum
Iw
0.17 mA
0.3 mA
Iout = 0
Steady-state noise
Typical
Maximum
Vn
130 m Vp-p
300 m Vp-p
Output current
Maximum
Iout
50 µA
Circuit stability time
Maximum
Twu
45 s
Note: To set to the same detection performance as the digital type, set the output voltage to the offset voltage (2.5V) ±0.45V (i.e. 2.95V or more and 2.05V or less).
Remark: Circuit stability time: 45s max.
While the circuitry is stabilizing after the power is turned on, the sensor output is not fixed in the “on” state or “off” state. This is true regardless of whether or not
the sensor has detected anything.
2) Analog output
Vdd
GND
(Comparator
decision output)
Vdd
Voff
V h
V n
V l
GND
Circuit stability time
Body
movement
Threshold voltage 1
(comparator)
Threshold voltage 2
(comparator)
Power supply
Detection state
Detect
Not
detect
Output waveform
V out
MP Motion Sensor (AMN1,2,4)
3. Electrical characteristics (Measuring condition: ambient temp. = 25°C 77°F; operating voltage = 5V) (Common to All types)
1) Digital output
Items
Symbol
Specified value
Standard type
Low current consumption type
Measured
conditions
Reted operating voltage
Minimum
Typical
Maximum
Vdd
3.0 V DC
6.0 V DC
Reted consumption current
(Standby)
*Remark
Typical
Maximum
Iw
170 µA
300 µA
Iout = 0
Output
(when detecting)
Current
Maximum
Iout
100 µA
Vout 7 Vdd–0.5
Voltage
Minimum
Maximum
Vout
Vdd –0.5
Open when not
detecting
Circuit stability time
Typical
Maximum
Twu
7 s
30 s
2.2 V DC
3.0 V DC
46 µA
60 µA
100 µA
Vdd –0.5
7 s
30 s
Remark: The current which is consumed during detection consists of the standby consumed current plus the output current.
MP MOTION SENSOR
2004.11.1 7:02 PM
Page 13


Similar Part No. - AMN13112

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AMN13112 NAIS-AMN13112 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results

Similar Description - AMN13112

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
   Passive Infrared Motion Sensor
CSL-372 ETC1-CSL-372 Datasheet
369Kb / 6P
   SPECIFICATION OF PYROELECTRIC PASSIVE INFRARED SENSOR
logo
Panasonic Semiconductor
EKMA PANASONIC-EKMA Datasheet
1Mb / 8P
   MOTION SENSOR
logo
List of Unclassifed Man...
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
logo
Synaptics Incorporated.
CX93510 CONEXANT-CX93510 Datasheet
603Kb / 2P
   Passive Infrared Camera
logo
Telecommunication Elec...
TMS240 TELTRON-TMS240 Datasheet
883Kb / 2P
   microwave motion sensor
logo
TE Connectivity Ltd
2396399 TEC-2396399 Datasheet
298Kb / 1P
   MOTION STREETLIGHT SENSOR
Rev. A
logo
Mean Well Enterprises C...
PIR-045 MEANWELL-PIR-045 Datasheet
674Kb / 3P
   Photoelectric Motion Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com