Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101I Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B101I
Description  1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101I Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B101I Datasheet HTML 7Page - Cypress Semiconductor CY14B101I Datasheet HTML 8Page - Cypress Semiconductor CY14B101I Datasheet HTML 9Page - Cypress Semiconductor CY14B101I Datasheet HTML 10Page - Cypress Semiconductor CY14B101I Datasheet HTML 11Page - Cypress Semiconductor CY14B101I Datasheet HTML 12Page - Cypress Semiconductor CY14B101I Datasheet HTML 13Page - Cypress Semiconductor CY14B101I Datasheet HTML 14Page - Cypress Semiconductor CY14B101I Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
CY14C101I
CY14B101I
CY14E101I
Document Number: 001-54391 Rev. *K
Page 11 of 42
Figure 11. Single-Byte Write into nvSRAM (except Hs-mode)
S1
0
1
0
A2 A1 A16 0
A
A
A
A
S
T
A
R
T
S
T
0
P
P
Most Signifiant Address Byte
Least Significant Address Byte
Data Byte
Memory Slave Address
SDA Line
By Master
By nvSRAM
Figure 12. Multi-Byte Write into nvSRAM (except Hs-mode)
S1
0
1
0
A2 A1 A16 0
A
A
A
A
S
T
A
R
T
Most Significant Address
Byte
Memory Slave Address
SDA Line
By Master
A
S
T
0
P
P
Data Byte N
By nvSRAM
Data Byte 1
Least Significant Address
Byte
Figure 13. Single-Byte Write into nvSRAM (Hs-mode)
S0 0
0
0 1X X
X
A
A
A
A
S
T
A
R
T
Memory Slave Address
Most Significant Address
Byte
Least Significant Address
Byte
Hs-mode command
SDA Line
By Master
A
S
T
0
P
P
Data Byte
Sr 10
1
0 A2 A1 A16 0
By nvSRAM
Figure 14. Multi-Byte Write into nvSRAM (Hs-mode)
S0 0
0
0 1X X
X
A
A
A
A
S
T
A
R
T
Memory Slave Address
Most Significant Address
Byte
Least Significant Address
Byte
Hs-mode command
SDA Line
By Master
A
Data Byte 1
Sr 10
1
0 A2 A1 A16 0
A
Data Byte 2
A
Data Byte 3
A
S
T
0
P
P
Data Byte N
By nvSRAM
SDA Line
By Master
By nvSRAM


Similar Part No. - CY14B101I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101I-SFXI CYPRESS-CY14B101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101I-SFXI CYPRESS-CY14B101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101I-SFXIT CYPRESS-CY14B101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101I-SFXIT CYPRESS-CY14B101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_11 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com