Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101PA Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B101PA
Description  1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101PA Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B101PA Datasheet HTML 7Page - Cypress Semiconductor CY14B101PA Datasheet HTML 8Page - Cypress Semiconductor CY14B101PA Datasheet HTML 9Page - Cypress Semiconductor CY14B101PA Datasheet HTML 10Page - Cypress Semiconductor CY14B101PA Datasheet HTML 11Page - Cypress Semiconductor CY14B101PA Datasheet HTML 12Page - Cypress Semiconductor CY14B101PA Datasheet HTML 13Page - Cypress Semiconductor CY14B101PA Datasheet HTML 14Page - Cypress Semiconductor CY14B101PA Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
CY14C101PA
CY14B101PA
CY14E101PA
Document Number: 001-54392 Rev. *L
Page 11 of 43
Write Protection and Block Protection
CY14X101PA provides features for both software and hardware
write protection using WRDI instruction and WP. Additionally, this
device also provides block protection mechanism through BP0
and BP1 pins of the Status Register.
The write enable and disable status of the device is indicated by
WEN bit of the Status Register. The write instructions (WRSR,
WRITE, WRTC and WRSN) and nvSRAM special instruction
(STORE, RECALL, ASENB, ASDISB) need the write to be
enabled (WEN bit = ‘1’) before they can be issued.
Write Enable (WREN) Instruction
On power-up, the device is always in the write disable state. The
following WRITE, WRSR, WRTC, WRSN, or nvSRAM special
instruction must therefore be preceded by a Write Enable
instruction. If the device is not write enabled (WEN = ‘0’), it
ignores the write instructions and returns to the standby state
when CS is brought HIGH. A new CS falling edge is required to
re-initiate serial communication. The instruction is issued
following the falling edge of CS. When this instruction is used,
the WEN bit of Status Register is set to ‘1’. WEN bit defaults to
‘0’ on power-up.
Note After completion of a write instruction (WRSR, WRITE,
WRTC or WRSN) or nvSRAM special instruction (STORE,
RECALL, ASENB, ASDISB), the WEN bit is cleared to ‘0’. This
provides protection from any inadvertent writes. Therefore, the
WREN instruction must be used before a new write instruction
can be issued.
Figure 6. Read Status Register (RDSR) Instruction Timing
Figure 7. Fast Read Status Register (FAST_RDSR) Instruction Timing
Figure 8. Write Status Register (WRSR) Instruction Timing
CS
SCK
SO
0123456
7
SI
0000
0
1
0
0
1
HI-Z
0
12345
6
7
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
Op-Code
CS
SCK
SO
0123456
7
SI
0000
1
0
0
1
HI-Z
8
9
10 11 12 13 14 15
0
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
X
X
X
X
X
X
X
X
Dummy Byte
0
12345
6
7
Op-Code
CS
SCK
SO
0
1
2
3
4567
SI
0000
0
0
0
1
MSB
LSB
D2
D3
D7
HI-Z
0
12345
67
Opcode
Data in
X
X
X
X
X


Similar Part No. - CY14B101PA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101PA CYPRESS-CY14B101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA CYPRESS-CY14B101PA Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA CYPRESS-CY14B101PA Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA-SF104XI CYPRESS-CY14B101PA-SF104XI Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA-SF104XIT CYPRESS-CY14B101PA-SF104XIT Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101PA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_11 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com