Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14E101PA Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14E101PA
Description  1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E101PA Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14E101PA Datasheet HTML 5Page - Cypress Semiconductor CY14E101PA Datasheet HTML 6Page - Cypress Semiconductor CY14E101PA Datasheet HTML 7Page - Cypress Semiconductor CY14E101PA Datasheet HTML 8Page - Cypress Semiconductor CY14E101PA Datasheet HTML 9Page - Cypress Semiconductor CY14E101PA Datasheet HTML 10Page - Cypress Semiconductor CY14E101PA Datasheet HTML 11Page - Cypress Semiconductor CY14E101PA Datasheet HTML 12Page - Cypress Semiconductor CY14E101PA Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
CY14C101PA
CY14B101PA
CY14E101PA
Document Number: 001-54392 Rev. *L
Page 9 of 43
SPI Functional Description
The CY14X101PA uses an 8-bit instruction register. Instructions and their operation codes are listed in Table 1. All instructions,
addresses, and data are transferred with the MSB first and start with a HIGH to LOW CS transition. There are, in all, 21 SPI instructions
that provide access to most of the functions in nvSRAM. Further, the WP, HOLD, and HSB pins provide additional functionality driven
through hardware.
The SPI instructions in CY14X101PA are divided based on their
functionality in these types:
Status Register control instructions:
Status Register access: RDSR, FAST_RDSR and WRSR in-
structions
Write protection and block protection: WREN and WRDI in-
structions along with WP pin and WEN, BP0, and BP1 bits
SRAM Read/Write instructions
Memory access: READ, FAST_READ, and WRITE instruc-
tions
RTC Read/Write instructions
RTC access: RDRTC, FAST_RDRTC and WRTC instruc-
tions
Special NV instructions
nvSRAM special instructions: STORE, RECALL, ASENB,
and ASDISB
Special instructions: SLEEP, WRSN, RDSN, FAST_RDSN,
RDID, FAST_RDID
Table 1. Instruction Set
Instruction Category
Instruction Name
Opcode
Operation
Status Register Control Instructions
Status Register access
RDSR
0000 0101
Read Status Register
FAST_RDSR
0000 1001
Fast Status Register read - SPI clock > 40 MHz
WRSR
0000 0001
Write Status Register
Write protection and block
protection
WREN
0000 0110
Set Write Enable latch
WRDI
0000 0100
Reset Write Enable latch
SRAM Read/Write Instructions
Memory access
READ
0000 0011
Read data from memory array
FAST_READ
0000 1011
Fast read - SPI clock > 40 MHz
WRITE
0000 0010
Write data to memory array
RTC Read/Write Instructions
RTC access
RDRTC
0001 0011
Read RTC registers
FAST_RDRTC
0001 1101
Fast RTC register read - SPI clock > 25 MHz
WRTC
0001 0010
Write RTC registers
Special NV Instructions
nvSRAM special functions
STORE
0011 1100
Software STORE
RECALL
0110 0000
Software RECALL
ASENB
0101 1001
AutoStore enable
ASDISB
0001 1001
AutoStore disable
Special Instructions
Sleep
SLEEP
1011 1001
Sleep mode enable
Serial number
WRSN
1100 0010
Write serial number
RDSN
1100 0011
Read serial number
FAST_RDSN
1100 1001
Fast serial number read - SPI clock > 40 MHz
Device ID read
RDID
1001 1111
Read manufacturer JEDEC ID and product ID
FAST_RDID
1001 1001
Fast manufacturer JEDEC ID and product ID
Read - SPI clock > 40 MHz
Reserved
- Reserved -
0001 1110


Similar Part No. - CY14E101PA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101PA CYPRESS-CY14E101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14E101PA CYPRESS-CY14E101PA Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14E101PA-SF104XI CYPRESS-CY14E101PA-SF104XI Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14E101PA-SF104XIT CYPRESS-CY14E101PA-SF104XIT Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14E101PA-SFXI CYPRESS-CY14E101PA-SFXI Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14E101PA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_11 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com