Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14E101J2-SXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY14E101J2-SXI
Description  1-Mbit (128 K x 8) Serial (I2C) nvSRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E101J2-SXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY14E101J2-SXI Datasheet HTML 2Page - Cypress Semiconductor CY14E101J2-SXI Datasheet HTML 3Page - Cypress Semiconductor CY14E101J2-SXI Datasheet HTML 4Page - Cypress Semiconductor CY14E101J2-SXI Datasheet HTML 5Page - Cypress Semiconductor CY14E101J2-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14E101J2-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14E101J2-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14E101J2-SXI Datasheet HTML 9Page - Cypress Semiconductor CY14E101J2-SXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CY14C101J
CY14B101J
CY14E101J
Document Number: 001-54050 Rev. *M
Page 6 of 31
High-Speed Mode (Hs-mode)
In Hs-mode, nvSRAM can transfer data at bit rates of up to
3.4 Mbit/s. A master code (0000 1XXXb) must be issued to place
the device into high speed mode. This enables master slave
communication for speed upto 3.4 MHz. A stop condition exits
Hs-mode.
Serial Data Format in Hs-mode
Serial data transfer format in Hs-mode meets the standard-mode
I2C-bus specification. Hs-mode can only commence after the
following conditions (all of which are in F/S-modes):
1. START condition (S)
2. 8-bit master code (0000 1XXXb)
3. No-acknowledge bit (A)
Single and multiple-byte reads and writes are supported. After
the device enters into Hs-mode, data transfer continues in
Hs-mode until stop condition is sent by master device. The slave
switches back to F/S-mode after a STOP condition (P). To
continue data transfer in Hs-mode, the master sends Repeated
START (Sr).
See Figure 13 on page 11 and Figure 16 on page 12 for Hs-mode
timings for read and write operation.
Figure 6. Acknowledge on the I2C Bus
handbook, full pagewidth
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge (A)
acknowledge (A)
DATA OUTPUT
BY MASTER
DATA OUTPUT
BY SLAVE
SCL FROM
MASTER
Figure 7. Data transfer format in Hs-mode
handbook, full pagewidth
F/S-mode
Hs-mode
F/S-mode
AA
/
A
A
DATA
n (bytes
+ack.)
W
/
R
S
MASTER CODE
Sr SLAVE ADD.
Hs-mode continues
Sr SLAVE ADD.
P


Similar Part No. - CY14E101J2-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101J2-SXI CYPRESS-CY14E101J2-SXI Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14E101J2-SXIT CYPRESS-CY14E101J2-SXIT Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14E101J2-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com