Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14MB064Q1B Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14MB064Q1B
Description  64-Kbit (8 K x 8) SPI nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MB064Q1B Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14MB064Q1B Datasheet HTML 7Page - Cypress Semiconductor CY14MB064Q1B Datasheet HTML 8Page - Cypress Semiconductor CY14MB064Q1B Datasheet HTML 9Page - Cypress Semiconductor CY14MB064Q1B Datasheet HTML 10Page - Cypress Semiconductor CY14MB064Q1B Datasheet HTML 11Page - Cypress Semiconductor CY14MB064Q1B Datasheet HTML 12Page - Cypress Semiconductor CY14MB064Q1B Datasheet HTML 13Page - Cypress Semiconductor CY14MB064Q1B Datasheet HTML 14Page - Cypress Semiconductor CY14MB064Q1B Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CY14MB064Q1B/CY14MB064Q2B
CY14ME064Q1B/CY14ME064Q2B
Document Number: 001-70382 Rev. *H
Page 11 of 28
Write Protection and Block Protection
CY14MX064Q provides features for both software and hardware
write protection using WRDI instruction and WP. Additionally, this
device also provides block protection mechanism through BP0
and BP1 pins of the Status Register.
The write enable and disable status of the device is indicated by
WEN bit of the Status Register. The write instructions (WRSR,
WRITE and WRSN) and nvSRAM special instruction (STORE,
RECALL, ASENB and ASDISB) need the write to be enabled
(WEN bit = ‘1’) before they can be issued.
Write Enable (WREN) Instruction
On power-up, the device is always in the write disable state. The
following WRITE, WRSR, WRSN, or nvSRAM special instruction
must therefore be preceded by a Write Enable instruction. If the
device is not write enabled (WEN = ‘0’), it ignores the write
instructions and returns to the standby state when CS is brought
HIGH. A new CS falling edge is required to re-initiate serial
communication. The instruction is issued following the falling
edge of CS. When this instruction is used, the WEN bit of Status
Register is set to ‘1’. WEN bit defaults to ‘0’ on power-up.
Note After completion of a write instruction (WRSR, WRITE,
WRSN) or nvSRAM special instruction (STORE, RECALL,
ASENB, and ASDISB) instruction, WEN bit is cleared to ‘0’. This
is done to provide protection from any inadvertent writes.
Therefore, WREN instruction needs to be used before a new
write instruction is issued.
Write Disable (WRDI) Instruction
Write Disable instruction disables the write by clearing the WEN
bit to ‘0’ in order to protect the device against inadvertent writes.
This instruction is issued following the falling edge of CS followed
by opcode for WRDI instruction. The WEN bit is cleared on the
rising edge of CS following a WRDI instruction.
Figure 6. Read Status Register (RDSR) Instruction Timing
CS
SCK
SO
0123456
7
SI
0000
0
1
0
0
1
HI-Z
0
12345
6
7
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
Op-Code
Figure 7. Write Status Register (WRSR) Instruction Timing
CS
SCK
SO
0
1
2
3
4567
SI
0000
0
0
0
1
MSB
LSB
D2
D3
D7
HI-Z
0
12345
67
Opcode
Data in
X
X
X
X
X
Figure 8. WREN Instruction
Figure 9. WRDI Instruction
0
0
0
0
0
1
1
0
CS
SCK
SI
SO
HI-Z
0
1
2
3
4
5
6
7
0
0
0
0
0
1
0
0
CS
SCK
SI
SO
HI-Z
0
1
2
3
4
5
6
7


Similar Part No. - CY14MB064Q1B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B-SXI CYPRESS-CY14MB064Q1B-SXI Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B-SXIT CYPRESS-CY14MB064Q1B-SXIT Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
More results

Similar Description - CY14MB064Q1B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14C064PA CYPRESS-CY14C064PA_13 Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com