Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14ME064J2A Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14ME064J2A
Description  64-Kbit (8 K x 8) Serial (I2C) nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14ME064J2A Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14ME064J2A Datasheet HTML 1Page - Cypress Semiconductor CY14ME064J2A Datasheet HTML 2Page - Cypress Semiconductor CY14ME064J2A Datasheet HTML 3Page - Cypress Semiconductor CY14ME064J2A Datasheet HTML 4Page - Cypress Semiconductor CY14ME064J2A Datasheet HTML 5Page - Cypress Semiconductor CY14ME064J2A Datasheet HTML 6Page - Cypress Semiconductor CY14ME064J2A Datasheet HTML 7Page - Cypress Semiconductor CY14ME064J2A Datasheet HTML 8Page - Cypress Semiconductor CY14ME064J2A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY14MB064J1A/CY14MB064J2A
CY14ME064J1A/CY14ME064J2A
Document Number: 001-70393 Rev. *I
Page 5 of 28
Data Validity
The data on the SDA line must be stable during the HIGH period
of the clock. The state of the data line can only change when the
clock on the SCL line is LOW for the data to be valid. There are
only two conditions under which the SDA line may change state
with the SCL line held HIGH, that is, START and STOP condition.
The START and STOP conditions are generated by the master
to signal the beginning and end of a communication sequence
on the I2C bus.
START Condition (S)
A HIGH to LOW transition on the SDA line while SCL is HIGH
indicates a START condition. Every transaction in I2C begins
with the master generating a START condition.
STOP Condition (P)
A LOW to HIGH transition on the SDA line while SCL is HIGH
indicates a STOP condition. This condition indicates the end of
the ongoing transaction.
START and STOP conditions are always generated by the
master. The bus is considered to be busy after the START
condition. The bus is considered to be free again after the STOP
condition.
Repeated START (Sr)
If an Repeated START condition is generated instead of a STOP
condition the bus continues to be busy. The ongoing transaction
on the I2C lines is stopped and the bus waits for the master to
send a slave ID for communication to restart.
Byte Format
Each operation in I2C is done using 8-bit words. The bits are sent
in MSB first format on the SDA line and each byte is followed by
an ACK signal by the receiver.
An operation continues until a NACK is sent by the receiver or
STOP or Repeated START condition is generated by the master
The SDA line must remain stable when the clock (SCL) is HIGH
except for a START or STOP condition.
Acknowledge / No-acknowledge
After transmitting one byte of data or address, the transmitter
releases the SDA line. The receiver pulls the SDA line LOW to
acknowledge the receipt of the byte. Every byte of data
transferred on the I2C bus needs to be responded with an ACK
signal by the receiver to continue the operation. Failing to do so
is considered as a NACK state. NACK is the state where the
receiver does not acknowledge the receipt of data and the
operation is aborted.
The master can generate NACK during a READ operation in the
following cases:
The master did not receive valid data due to noise
The master generates a NACK to abort the READ sequence.
After a NACK is issued by the master, the nvSRAM slave
releases control of the SDA pin and the master is free to
generate a Repeated START or STOP condition.
The nvSRAM slave can generate NACK during a WRITE
operation in the following cases:
nvSRAM did not receive valid data due to noise.
The master tries to access write-protected locations on the
nvSRAM. The master must restart the communication by
generating a STOP or Repeated START condition.
Figure 3. START and STOP Conditions
full pagewidth
SDA
SCL
P
STOP Condition
SDA
SCL
S
START Condition
Figure 4. Data Transfer on the I2C Bus
handbook, full pagewidth
Sr
or
P
SDA
Sr
P
SCL
STOP or
Repeated START
condition
S
or
Sr
START or
Repeated START
condition
1
2
3 - 8
9
ACK
9
ACK
78
12
MSB
Acknowledgement
signal from slave
Byte complete,
interrupt within slave
Clock line held LOW while
interrupts are serviced
Acknowledgement
signal from receiver


Similar Part No. - CY14ME064J2A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14ME064J2A-SXI CYPRESS-CY14ME064J2A-SXI Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14ME064J2A-SXIT CYPRESS-CY14ME064J2A-SXIT Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14ME064J2A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J Datasheet
1Mb / 31P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com