Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14MB064Q1B-SXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14MB064Q1B-SXIT
Description  64-Kbit (8 K x 8) SPI nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MB064Q1B-SXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14MB064Q1B-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14MB064Q1B-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14MB064Q1B-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14MB064Q1B-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14MB064Q1B-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14MB064Q1B-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14MB064Q1B-SXIT Datasheet HTML 9Page - Cypress Semiconductor CY14MB064Q1B-SXIT Datasheet HTML 10Page - Cypress Semiconductor CY14MB064Q1B-SXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CY14MB064Q1B/CY14MB064Q2B
CY14ME064Q1B/CY14ME064Q2B
Document Number: 001-70382 Rev. *H
Page 7 of 28
SPI Modes
CY14MX064Q may be driven by a microcontroller with its SPI
peripheral running in either of the following two modes:
SPI Mode 0 (CPOL = 0, CPHA = 0)
SPI Mode 3 (CPOL = 1, CPHA = 1)
For both these modes, the input data is latched in on the rising
edge of SCK starting from the first rising edge after CS goes
active. If the clock starts from a HIGH state (in mode 3), the first
rising edge after the clock toggles, is considered. The output data
is available on the falling edge of SCK.
The two SPI modes are shown in Figure 4 and Figure 5. The
status of clock when the bus master is in standby mode and not
transferring data is:
SCK remains at 0 for Mode 0
SCK remains at 1 for Mode 3
CPOL and CPHA bits must be set in the SPI controller for either
Mode 0 or Mode 3. The device detects the SPI mode from the
status of SCK pin when the device is selected by bringing the CS
pin LOW. If SCK pin is LOW when the device is selected, SPI
Mode 0 is assumed and if SCK pin is HIGH, it works in SPI
Mode 3.
Figure 3. System Configuration Using SPI nvSRAM
CY14MX064Q
CY14MX064Q
uC o n trolle r
SC K
MO S I
MIS O
SI
SO
O
S
I
S
K
C
SS C K
CS
HO L D
HO L D
CS
CS 1
CS 2
HO L D 1
HO L D 2
Figure 4. SPI Mode 0
Figure 5. SPI Mode 3
LSB
MSB
7
654
32
10
CS
SCK
SI
0
1
2
3
4
5
6
7
CS
SCK
SI
7
654
32
10
LSB
MSB
0
1
2
3
4
5
6
7


Similar Part No. - CY14MB064Q1B-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q1B-SXIT CYPRESS-CY14MB064Q1B-SXIT Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
More results

Similar Description - CY14MB064Q1B-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14C064PA CYPRESS-CY14C064PA_13 Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com