Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62126ESL Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62126ESL
Description  1-Mbit (64 K x 16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62126ESL Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62126ESL_13 Datasheet HTML 7Page - Cypress Semiconductor CY62126ESL_13 Datasheet HTML 8Page - Cypress Semiconductor CY62126ESL_13 Datasheet HTML 9Page - Cypress Semiconductor CY62126ESL_13 Datasheet HTML 10Page - Cypress Semiconductor CY62126ESL_13 Datasheet HTML 11Page - Cypress Semiconductor CY62126ESL_13 Datasheet HTML 12Page - Cypress Semiconductor CY62126ESL_13 Datasheet HTML 13Page - Cypress Semiconductor CY62126ESL_13 Datasheet HTML 14Page - Cypress Semiconductor CY62126ESL_13 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY62126ESL MoBL®
Document Number: 001-45076 Rev. *F
Page 11 of 16
Truth Table
CE [27]
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X
X
X
X
High Z
Deselect or power down
Standby (ISB)
L
X
X
H
H
High Z
Output disabled
Active (ICC)
L
H
L
L
L
Data out (I/O0–I/O15)
Read
Active (ICC)
LHLHL
Data out (I/O0–I/O7);
I/O8–I/O15 in High Z
Read
Active (ICC)
L
H
L
L
H
Data Out (I/O8–I/O15);
I/O0–I/O7 in High Z
Read
Active (ICC)
L
H
H
L
L
High Z
Output disabled
Active (ICC)
L
H
H
H
L
High Z
Output disabled
Active (ICC)
L
H
H
L
H
High Z
Output disabled
Active (ICC)
L
L
X
L
L
Data in (I/O0–I/O15)
Write
Active (ICC)
L
L
X
H
L
Data in (I/O0–I/O7);
I/O8–I/O15 in High Z
Write
Active (ICC)
L
L
X
L
H
Data in (I/O8–I/O15);
I/O0–I/O7 in High Z
Write
Active (ICC)
Note
27. Chip enable must be at CMOS levels (not floating). Intermediate voltage levels on this pin is not permitted.


Similar Part No. - CY62126ESL_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126ESL-45ZSXI CYPRESS-CY62126ESL-45ZSXI Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY62126ESL_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30 Datasheet
374Kb / 12P
   64 Mbit (4M x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com