Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128E Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62128E
Description  1-Mbit (128 K x 8) Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128E Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62128E_13 Datasheet HTML 1Page - Cypress Semiconductor CY62128E_13 Datasheet HTML 2Page - Cypress Semiconductor CY62128E_13 Datasheet HTML 3Page - Cypress Semiconductor CY62128E_13 Datasheet HTML 4Page - Cypress Semiconductor CY62128E_13 Datasheet HTML 5Page - Cypress Semiconductor CY62128E_13 Datasheet HTML 6Page - Cypress Semiconductor CY62128E_13 Datasheet HTML 7Page - Cypress Semiconductor CY62128E_13 Datasheet HTML 8Page - Cypress Semiconductor CY62128E_13 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CY62128E MoBL®
Document Number: 38-05485 Rev. *K
Page 3 of 19
Pin Configuration
Figure 1. 32-pin STSOP pinout [1]
Figure 2. 32-pin TSOP I pinout [1]
Figure 3. 32-pin SOIC pinout [1]
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
STSOP
Top View
(not to scale)
30
28
29
31
24
19
23
22
21
20
18
13
17
16
15
14
11
12
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
9
10
32
1
2
3
4
5
6
7
8
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
26
25
26
27
8
9
10
11
14
12
13
16
15
21
22
19
20
25
17
18
23
24
A11
A10
4
A3
A2
A1
A0
/O0
/O1
O2
I/O3
I/O4
I/O5
I/O6
I/O7
VSS
OE
CE1
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I
Top View
(not to scale)
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
1
2
3
4
5
6
7
31
32
29
30
27
28
26
32-Pin SOIC
Top View
C
16
A15
14
A13
12
A
A9
A8
A7
A6
A5
A
VCC
CE2
WE
A16
A14
WE
VCC
A13
A8
A9
STSOP
Top View
(not to scale)
30
28
29
31
A11
32
1
2
3
CE2
A15
NC
26
25
26
27
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
TSOP I
Top View
(not to scale)
6
3
4
5
7
A5
8
9
10
11
12
13
14
15
16
CE2
A15
NC
1
2
3
4
5
6
7
8
9
10
11
14
31
32
12
13
16
15
29
30
21
22
19
20
27
28
25
26
17
18
23
24
Top View
Top View
NC
A16
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
VSS
VCC
CE2
WE
OE
CE1
Note
1. NC pins are not connected on the die.


Similar Part No. - CY62128E_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128ELL CYPRESS-CY62128ELL Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45SXA CYPRESS-CY62128ELL-45SXA Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45SXA CYPRESS-CY62128ELL-45SXA Datasheet
857Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45SXI CYPRESS-CY62128ELL-45SXI Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45SXI CYPRESS-CY62128ELL-45SXI Datasheet
857Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128E_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com