Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128ELL-45SXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62128ELL-45SXI
Description  1-Mbit (128 K x 8) Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128ELL-45SXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62128ELL-45SXI Datasheet HTML 1Page - Cypress Semiconductor CY62128ELL-45SXI Datasheet HTML 2Page - Cypress Semiconductor CY62128ELL-45SXI Datasheet HTML 3Page - Cypress Semiconductor CY62128ELL-45SXI Datasheet HTML 4Page - Cypress Semiconductor CY62128ELL-45SXI Datasheet HTML 5Page - Cypress Semiconductor CY62128ELL-45SXI Datasheet HTML 6Page - Cypress Semiconductor CY62128ELL-45SXI Datasheet HTML 7Page - Cypress Semiconductor CY62128ELL-45SXI Datasheet HTML 8Page - Cypress Semiconductor CY62128ELL-45SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CY62128E MoBL®
1-Mbit (128 K × 8) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05485 Rev. *K
Revised June 3, 2013
1-Mbit (128 K × 8) Static RAM
Features
Very high speed: 45 ns
Temperature ranges
Industrial: –40 °C to +85 °C
Automotive-A: –40 °C to +85 °C
Automotive-E: –40 °C to +125 °C
Voltage range: 4.5 V to 5.5 V
Pin compatible with CY62128B
Ultra low standby power
Typical standby current: 1 A
Maximum standby current: 4 A (Industrial)
Ultra low active power
Typical active current: 1.3 mA at f = 1 MHz
Easy memory expansion with CE1, CE2, and OE features
Automatic power down when deselected
complementary metal oxide semiconductor (CMOS) for
optimum speed and power
Offered in standard Pb-free 32-pin STSOP, 32-pin SOIC, and
32-pin thin small outline package (TSOP) Type I packages
Functional Description
The CY62128E is a high performance CMOS static RAM
organized as 128K words by 8 bits. This device features
advanced circuit design to provide ultra low active current. This
is ideal for providing More Battery Life™ (MoBL) in portable
applications. The device also has an automatic power down
feature that significantly reduces power consumption when
addresses are not toggling. Placing the device into standby
mode reduces power consumption by more than 99 percent
when deselected (CE1 HIGH or CE2 LOW). The eight input and
output pins (I/O0 through I/O7) are placed in a high impedance
state when the device is deselected (CE1 HIGH or CE2 LOW),
the outputs are disabled (OE HIGH), or a write operation is in
progress (CE1 LOW and CE2 HIGH and WE LOW)
To write to the device, take Chip Enable (CE1 LOW and CE2
HIGH) and Write Enable (WE) inputs LOW. Data on the eight I/O
pins (I/O0 through I/O7) is then written into the location specified
on the address pins (A0 through A16).
To read from the device, take Chip Enable (CE1 LOW and CE2
HIGH) and Output Enable (OE) LOW while forcing Write Enable
(WE) HIGH. Under these conditions, the contents of the memory
location specified by the address pins appear on the I/O pins.
The CY62128E device is suitable for interfacing with processors
that have TTL I/P levels. It is not suitable for processors that
require CMOS I/P levels. Please see Electrical Characteristics
on page 5 for more details and suggested alternatives.
Logic Block Diagram
A0
I/O0
I/O7
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
A1
A2
A3
A4
A5
A6
A7
A8
A9
POWER
DOWN
WE
OE
COLUMN DECODER
128K x 8
ARRAY
INPUT BUFFER
A10
A11
CE1
CE2
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7


Similar Part No. - CY62128ELL-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128ELL-45SXI CYPRESS-CY62128ELL-45SXI Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45SXI CYPRESS-CY62128ELL-45SXI Datasheet
857Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128ELL-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com