Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128ELL-55SXE Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62128ELL-55SXE
Description  1-Mbit (128 K x 8) Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128ELL-55SXE Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62128ELL-55SXE Datasheet HTML 7Page - Cypress Semiconductor CY62128ELL-55SXE Datasheet HTML 8Page - Cypress Semiconductor CY62128ELL-55SXE Datasheet HTML 9Page - Cypress Semiconductor CY62128ELL-55SXE Datasheet HTML 10Page - Cypress Semiconductor CY62128ELL-55SXE Datasheet HTML 11Page - Cypress Semiconductor CY62128ELL-55SXE Datasheet HTML 12Page - Cypress Semiconductor CY62128ELL-55SXE Datasheet HTML 13Page - Cypress Semiconductor CY62128ELL-55SXE Datasheet HTML 14Page - Cypress Semiconductor CY62128ELL-55SXE Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CY62128E MoBL®
Document Number: 38-05485 Rev. *K
Page 11 of 19
Truth Table
CE1
CE2
WE
OE
Inputs/Outputs
Mode
Power
HX [33]
X
X
High Z
Deselect/Power down
Standby (ISB)
X [33]
L
X
X
High Z
Deselect/Power down
Standby (ISB)
L
H
H
L
Data Out
Read
Active (ICC)
L
H
L
X
Data In
Write
Active (ICC)
L
H
H
H
High Z
Selected, outputs disabled
Active (ICC)
Note
33. The ‘X’ (Don’t care) state for the Chip enables in the truth table refer to the logic state (either HIGH or LOW). Intermediate voltage levels on these pins is not permitted.


Similar Part No. - CY62128ELL-55SXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128ELL-55SXE CYPRESS-CY62128ELL-55SXE Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-55SXE CYPRESS-CY62128ELL-55SXE Datasheet
857Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128ELL-55SXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com