Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62158ELL-45ZSXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62158ELL-45ZSXI
Description  8-Mbit (1 M x 8) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158ELL-45ZSXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62158ELL-45ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY62158E MoBL®
Document Number: 38-05684 Rev. *I
Page 5 of 16
Capacitance
Parameter [9]
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Thermal Resistance
Parameter [9]
Description
Test Conditions
44-pin TSOP II Unit
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch, two-layer printed circuit
board
75.13
C/W
JC
Thermal Resistance
(Junction to Case)
8.95
C/W
AC Test Loads and Waveforms
Figure 2. AC Test Loads and Waveforms
3 V
VCC
OUTPUT
R2
100 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to: THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Parameters
5.0 V
Unit
R1
1838
R2
994
RTH
645
VTH
1.75
V
Note
9. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62158ELL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158ELL-45ZSXI CYPRESS-CY62158ELL-45ZSXI Datasheet
330Kb / 10P
   8-Mbit (1M x 8) Static RAM
CY62158ELL-45ZSXI CYPRESS-CY62158ELL-45ZSXI Datasheet
884Kb / 16P
   8-Mbit (1 M x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62158ELL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D_10 Datasheet
899Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33 Datasheet
388Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com