Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69313-40LTXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYRF69313-40LTXC
Description  Programmable Radio-on-Chip LPstar
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69313-40LTXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYRF69313-40LTXC Datasheet HTML 1Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 2Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 3Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 4Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 5Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 6Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 7Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 8Page - Cypress Semiconductor CYRF69313-40LTXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
CYRF69313
Document Number: 001-66503 Rev. *D
Page 2 of 81
Microcontroller
Function
Radio
Function
RFn
RFp
RFbias
12MHz
P0_1,3,4,7
P1_6:7
P2_0:1
. . . . . . .
IRQ/GPIO
MISO/GPIO
XOUT/GPIO
Vbus
D+/D-
P1.5/MOSI
P1.4/SCK
P1.3/nSS
. . . . .
2
2
2
4
1ohm
Logic Block Diagram


Similar Part No. - CYRF69313-40LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69313-40LTXC CYPRESS-CYRF69313-40LTXC Datasheet
799Kb / 80P
   Programmable Radio-on-Chip LPstar
More results

Similar Description - CYRF69313-40LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69303 CYPRESS-CYRF69303_13 Datasheet
700Kb / 70P
   Programmable Radio-on-Chip LPstar
CYRF69313 CYPRESS-CYRF69313 Datasheet
799Kb / 80P
   Programmable Radio-on-Chip LPstar
CYRF69303 CYPRESS-CYRF69303 Datasheet
689Kb / 69P
   Programmable Radio-on-Chip LPstar
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com