Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2937IMP-2.5 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2937IMP-2.5
Description  LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937IMP-2.5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2937IMP-2.5 Datasheet HTML 6Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 7Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 8Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 9Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 10Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 11Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 12Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 13Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM2937-2.5, LM2937-3.3
SNVS015E – FEBRUARY 1998 – REVISED APRIL 2013
www.ti.com
Figure 27.
θ(J−A) vs Copper (2 ounce) Area for the SOT-223 Package
Figure 28. Maximum Power Dissipation vs TAMB for the SOT-223 Package
Please see AN-1028 (SNVA036) for power enhancement techniques to be used with the SOT-223 package.
SOT-223 SOLDERING RECOMMENDATIONS
It is not recommended to use hand soldering or wave soldering to attach the small SOT-223 package to a printed
circuit board. The excessive temperatures involved may cause package cracking.
Either vapor phase or infrared reflow techniques are preferred soldering attachment methods for the SOT-223
package.
10
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2937-2.5 LM2937-3.3


Similar Part No. - LM2937IMP-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937IMP-2.5 NSC-LM2937IMP-2.5 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937IMP-2.5 TI1-LM2937IMP-2.5 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937IMP-2.5/NOPB TI1-LM2937IMP-2.5/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results

Similar Description - LM2937IMP-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com