Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5100ASDX Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5100ASDX
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100ASDX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5100ASDX Datasheet HTML 2Page - Texas Instruments LM5100ASDX Datasheet HTML 3Page - Texas Instruments LM5100ASDX Datasheet HTML 4Page - Texas Instruments LM5100ASDX Datasheet HTML 5Page - Texas Instruments LM5100ASDX Datasheet HTML 6Page - Texas Instruments LM5100ASDX Datasheet HTML 7Page - Texas Instruments LM5100ASDX Datasheet HTML 8Page - Texas Instruments LM5100ASDX Datasheet HTML 9Page - Texas Instruments LM5100ASDX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
www.ti.com
Switching Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, VDD =
VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tLPHL
LO Turn-Off Propagation Delay
LI Falling to LO Falling
20
45
LM5100A/B/C
ns
LO Turn-Off Propagation Delay
22
56
LM5101A/B/C
tLPLH
LO Turn-On Propagation Delay
LI Rising to LO Rising
20
45
LM5100A/B/C
ns
LO Turn-On Propagation Delay
26
56
LM5101A/B/C
tHPHL
HO Turn-Off Propagation Delay
HI Falling to HO Falling
20
45
LM5100A/B/C
ns
HO Turn-Off Propagation Delay
22
56
LM5101A/B/C
tHPLH
LO Turn-On Propagation Delay
HI Rising to HO Rising
20
45
LM5100A/B/C
ns
LO Turn-On Propagation Delay
26
56
LM5101A/B/C
tMON
Delay Matching: LO on & HO off
1
10
ns
LM5100A/B/C
Delay Matching: LO on & HO off
4
10
LM5101A/B/C
tMOFF
Delay Matching: LO off & HO on
1
10
LM5100A/B/C
ns
Delay Matching: LO on & HO off
4
10
LM5101A/B/C
tRC, tFC
Either Output Rise/Fall Time
CL = 1000 pF
8
ns
tR
Output Rise Time (3V to 9V)
CL = 0.1 µF
430
LM5100A/LM5101A
ns
Output Rise Time (3V to 9V)
570
LM5100B/LM5101B
Output Rise Time (3V to 9V)
990
LM5100C/LM5101C
tF
Output Fall Time (3V to 9V)
CL = 0.1 µF
260
LM5100A/LM5101A
Output Fall Time (3V to 9V)
430
ns
LM5100B/LM5101B
Output Fall Time (3V to 9V)
715
LM5100C/LM5101C
tPW
Minimum Input Pulse Width that Changes
50
ns
the Output
tBS
Bootstrap Diode Reverse Recovery Time
IF = 100 mA,
37
ns
IR = 100 mA
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C


Similar Part No. - LM5100ASDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100ASD TI1-LM5100ASD Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100ASDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com