Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4308GR_NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4308GR_NOPB
Description  LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4308GR_NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4308GR_NOPB Datasheet HTML 6Page - Texas Instruments LM4308GR_NOPB Datasheet HTML 7Page - Texas Instruments LM4308GR_NOPB Datasheet HTML 8Page - Texas Instruments LM4308GR_NOPB Datasheet HTML 9Page - Texas Instruments LM4308GR_NOPB Datasheet HTML 10Page - Texas Instruments LM4308GR_NOPB Datasheet HTML 11Page - Texas Instruments LM4308GR_NOPB Datasheet HTML 12Page - Texas Instruments LM4308GR_NOPB Datasheet HTML 13Page - Texas Instruments LM4308GR_NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
DCP
(SE Waveform)
Idle
Link Off
Bus Phase
H
PD*
Active
DCN
(SE Waveform)
DC
(DIFF)
DDP
(SE Waveform)
DDN
(SE Waveform)
DD
(DIFF)
Idle
L
tO
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
OFF PHASE
In the OFF phase, differential transmitters are turned off and the lines are both driven to Ground. Figure 7 shows
the transition of the serial bus into the OFF phase. The link may be powered down by asserting Master and
Slave PD* pins, the Master PD* pin alone or stopping the clock . To avoid loss of data the clock input should only
be asserted after the serial bus has been in the IDLE state for at least 100 DC clock cycles. This also applies to
when Master’s PD* input is asserted. The 100 DC clock cycles give the Slave enough time to complete any write
operations received from the serial bus.
Do not asserted the Slave PD* pin alone, as this will not reset the link properly. If the Slave PD* pin is asserted,
the Master’s PD* must also be asserted to generate a proper start up sequence.
Figure 7. Serial Bus Power Down Timing
I80 CPU INTERFACE COMPATIBILITY
The CPU Interface mode provides compatibility between an i80 CPU Interface and a small form factor (SFF)
Display or other fixed I/O port application. Both WRITE and READ transactions are supported. READs require a
dual access on the Master to complete the operation.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308


Similar Part No. - LM4308GR_NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308 TI-LM4308 Datasheet
1Mb / 33P
[Old version datasheet]   18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
More results

Similar Description - LM4308GR_NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Texas Instruments
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com