Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4860M_NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM4860M_NOPB
Description  Series 1W Audio Power Amplifier with Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4860M_NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4860M_NOPB Datasheet HTML 7Page - Texas Instruments LM4860M_NOPB Datasheet HTML 8Page - Texas Instruments LM4860M_NOPB Datasheet HTML 9Page - Texas Instruments LM4860M_NOPB Datasheet HTML 10Page - Texas Instruments LM4860M_NOPB Datasheet HTML 11Page - Texas Instruments LM4860M_NOPB Datasheet HTML 12Page - Texas Instruments LM4860M_NOPB Datasheet HTML 13Page - Texas Instruments LM4860M_NOPB Datasheet HTML 14Page - Texas Instruments LM4860M_NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM4860
www.ti.com
SNAS096C – AUGUST 1994 – REVISED MAY 2013
For a system implementation where the headphone amplifier is designed using a split supply, the output coupling
cap, CC and resistor R2 of Figure 22, can be eliminated. The functionality described earlier remains the same,
however.
In addition, the HP-SENSE pin, although it may be connected to the SHUTDOWN pin as shown in Figure 21,
may still be used as a control flag. It is capable of driving the input to another logic gate or approximately 2 mA
without serious loading.
Figure 21. HP-SENSE Pin to
SHUTDOWN Pin Connection
Figure 22. Typical Headphone Control Input Circuitry
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4860


Similar Part No. - LM4860M_NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4860M NSC-LM4860M Datasheet
278Kb / 9P
   Series 1W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4860M_NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
   Series 1W Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com