Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117MPX-5.0 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM1117MPX-5.0
Description  LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117MPX-5.0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM1117MPX-5.0 Datasheet HTML 6Page - Texas Instruments LM1117MPX-5.0 Datasheet HTML 7Page - Texas Instruments LM1117MPX-5.0 Datasheet HTML 8Page - Texas Instruments LM1117MPX-5.0 Datasheet HTML 9Page - Texas Instruments LM1117MPX-5.0 Datasheet HTML 10Page - Texas Instruments LM1117MPX-5.0 Datasheet HTML 11Page - Texas Instruments LM1117MPX-5.0 Datasheet HTML 12Page - Texas Instruments LM1117MPX-5.0 Datasheet HTML 13Page - Texas Instruments LM1117MPX-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM1117-N, LM1117I
SNOS412M – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
Figure 20. Typical Application using Fixed Output Regulator
When the adjustable regulator is used (Figure 21), the best performance is obtained with the positive side of the
resistor R1 tied directly to the output terminal of the regulator rather than near the load. This eliminates line drops
from appearing effectively in series with the reference and degrading regulation. For example, a 5V regulator with
0.05
Ω resistance between the regulator and load will have a load regulation due to line resistance of 0.05Ω x IL.
If R1 (=125
Ω) is connected near the load, the effective line resistance will be 0.05Ω (1+R2/R1) or in this case, it
is 4 times worse. In addition, the ground side of the resistor R2 can be returned near the ground of the load to
provide remote ground sensing and improve load regulation.
Figure 21. Best Load Regulation using Adjustable Output Regulator
PROTECTION DIODES
Under normal operation, the LM1117-N regulators do not need any protection diode. With the adjustable device,
the internal resistance between the adjust and output terminals limits the current. No diode is needed to divert
the current around the regulator even with capacitor on the adjust terminal. The adjust pin can take a transient
signal of ±25V with respect to the output voltage without damaging the device.
When a output capacitor is connected to a regulator and the input is shorted to ground, the output capacitor will
discharge into the output of the regulator. The discharge current depends on the value of the capacitor, the
output voltage of the regulator, and rate of decrease of VIN. In the LM1117-N regulators, the internal diode
between the output and input pins can withstand microsecond surge currents of 10A to 20A. With an extremely
large output capacitor (
≥1000 µF), and with input instantaneously shorted to ground, the regulator could be
damaged.
In this case, an external diode is recommended between the output and input pins to protect the regulator, as
shown in Figure 22.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1117-N LM1117I


Similar Part No. - LM1117MPX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117MPX-5.0 NSC-LM1117MPX-5.0 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
LM1117MPX-5.0 NSC-LM1117MPX-5.0 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117MPX-5.0 TI1-LM1117MPX-5.0 Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MPX-5.0 TI1-LM1117MPX-5.0 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MPX-5.0 TI1-LM1117MPX-5.0 Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117MPX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117IDT-33 TI1-LM1117IDT-33 Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMP-3.3 TI1-LM1117IMP-3.3 Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117MPX-ADJ TI1-LM1117MPX-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117-N TI-LM1117-N_15 Datasheet
2Mb / 33P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com