Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2940SX-10 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2940SX-10
Description  LM2940-N/LM2940C 1A Low Dropout Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940SX-10 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2940SX-10 Datasheet HTML 3Page - Texas Instruments LM2940SX-10 Datasheet HTML 4Page - Texas Instruments LM2940SX-10 Datasheet HTML 5Page - Texas Instruments LM2940SX-10 Datasheet HTML 6Page - Texas Instruments LM2940SX-10 Datasheet HTML 7Page - Texas Instruments LM2940SX-10 Datasheet HTML 8Page - Texas Instruments LM2940SX-10 Datasheet HTML 9Page - Texas Instruments LM2940SX-10 Datasheet HTML 10Page - Texas Instruments LM2940SX-10 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LM2940-N, LM2940C
www.ti.com
SNVS769I – MARCH 2000 – REVISED APRIL 2013
Electrical Characteristics (continued)
VIN = VO + 5V, IO = 1A, CO = 22 μF, unless otherwise specified. Boldface limits apply over the entire operating
temperature range of the indicated device. All other specifications apply for TA = TJ = 25°C.
Output Voltage (VO)
12V
15V
Parameter
Conditions
Typ
LM2940-N
LM2940-
Typ
LM2940-N
LM2940-
Units
Limit (1)
N/833
Limit (1)
N/833
Limit (2)
Limit (2)
Ripple Rejection
fO = 120 Hz, 1 Vrms,
IO = 100 mA
LM2940-N
66
54/48
dBMIN
LM2940C
66
54
64
52
fO = 1 kHz, 1 Vrms,
dBMIN
52/46
48/42
IO = 5 mA
Long Term Stability
mV/
48
60
1000 Hr
Dropout Voltage
IO = 1A
0.5
0.8/1.0
0.7/1.0
0.5
0.8/1.0
0.7/1.0
VMAX
IO = 100 mA
110
150/200
150/200
110
150/200
150/200
mVMAX
Short Circuit Current See (3)
1.9
1.6
1.6/1.3
1.9
1.6
1.6/1.3
AMIN
Maximum Line
RO = 100Ω
Transient
LM2940-N, T
≤ 100 ms
75
60/60
LM2940-N/883, T
≤ 20 ms
40/40
40/40
VMIN
LM2940C, T
≤ 1 ms
55
45
55
45
Reverse Polarity
RO = 100Ω
DC Input Voltage
LM2940-N, LM2940-N/883
−30
−15/−15
−15/−15
−15/−15
VMIN
LM2940C
−30
−15
−30
−15
Reverse Polarity
RO = 100Ω
Transient Input
LM2940-N, T
≤ 100 ms
−75
−50/−50
Voltage
LM2940-N/883, T
≤ 20 ms
−45/−45
−45/−45
VMIN
LM2940C, T
≤ 1 ms
−55
−45/−45
−55
−45/−45
(3)
Output current will decrease with increasing temperature but will not drop below 1A at the maximum specified temperature.
Thermal Performance
3-Lead TO-220
4
Thermal Resistance
°C/W
Junction-to-Case,
θ(JC)
3-Lead DDPAK/TO-263
4
3-Lead TO-220 (1)
60
3-Lead DDPAK/TO-263 (1)
80
Thermal Resistance
°C/W
Junction-to-Ambient,
θ(JA)
SOT-223(1)
174
8-Lead WSON (1)
35
(1)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown. The value of
θJA (for devices in still air with no heatsink) is 60°C/W for the
TO-220 package, 80°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. The effective value of
θJA can be
reduced by using a heatsink (see Application Hints for specific information on heatsinking). The value of
θJA for the WSON package is
specifically dependent on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance
and power dissipation for the WSON package, refer to Application Note AN-1187 (SNOA401). It is recommended that 6 vias be placed
under the center pad to improve thermal performance.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2940-N LM2940C


Similar Part No. - LM2940SX-10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2940SX-10 TI1-LM2940SX-10 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940SX-10/NOPB TI1-LM2940SX-10/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results

Similar Description - LM2940SX-10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2940-N TI1-LM2940-N Datasheet
461Kb / 22P
[Old version datasheet]   LM2940/LM2940C 1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com